Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega88 Datasheet(PDF) 220 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 216Page - ATMEL Corporation ATmega88 Datasheet HTML 217Page - ATMEL Corporation ATmega88 Datasheet HTML 218Page - ATMEL Corporation ATmega88 Datasheet HTML 219Page - ATMEL Corporation ATmega88 Datasheet HTML 220Page - ATMEL Corporation ATmega88 Datasheet HTML 221Page - ATMEL Corporation ATmega88 Datasheet HTML 222Page - ATMEL Corporation ATmega88 Datasheet HTML 223Page - ATMEL Corporation ATmega88 Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 340 page
background image
220
7530H–AVR–02/09
ATmega48/88/168 Automotive
After a repeated START condition (state 0x10) the 2-wire Serial Interface can access the same
Slave again, or a new Slave without transmitting a STOP condition. Repeated START enables
the Master to switch between Slaves, Master Transmitter mode and Master Receiver mode with-
out losing control of the bus.
Table 19-3.
Status codes for Master Transmitter Mode
Status
Code
(TWSR)
Prescaler
Bits
are 0
Status of the 2-wire Se-
rial Bus and 2-wire Seri-
al Interface Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/from
TWDR
To TWCR
ST
A
ST
O
TWI
NT
TW
EA
0x08
A START condition has
been transmitted
Load SLA+W
0
0
1
X
SLA+W will be transmitted;
ACK or NOT ACK will be received
0x10
A
repeated
START
condition
has
been
transmitted
Load SLA+W
or
Load SLA+R
0
0
0
0
1
1
X
X
SLA+W will be transmitted;
ACK or NOT ACK will be received
SLA+R will be transmitted;
Logic will switch to Master Receiver mode
0x18
SLA+W
has
been
transmitted;
ACK has been received
Load
data
byte or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
1
0
0
1
1
1
1
1
1
X
X
X
X
Data byte will be transmitted and ACK or
NOT ACK will be received
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset
0x20
SLA+W
has
been
transmitted;
NOT ACK has been re-
ceived
Load
data
byte or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
1
0
0
1
1
1
1
1
1
X
X
X
X
Data byte will be transmitted and ACK or
NOT ACK will be received
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset
0x28
Data byte has been
transmitted;
ACK has been received
Load
data
byte or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
1
0
0
1
1
1
1
1
1
X
X
X
X
Data byte will be transmitted and ACK or
NOT ACK will be received
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset
0x30
Data byte has been
transmitted;
NOT ACK has been re-
ceived
Load
data
byte or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
1
0
0
1
1
1
1
1
1
X
X
X
X
Data byte will be transmitted and ACK or
NOT ACK will be received
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset
0x38
Arbitration
lost
in
SLA+W or data bytes
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
0
1
1
X
X
2-wire Serial Bus will be released and not
addressed Slave mode entered
A START condition will be transmitted
when the bus becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com