Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny25 Datasheet(PDF) 192 Page - ATMEL Corporation

Part # ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 188Page - ATMEL Corporation ATtiny25 Datasheet HTML 189Page - ATMEL Corporation ATtiny25 Datasheet HTML 190Page - ATMEL Corporation ATtiny25 Datasheet HTML 191Page - ATMEL Corporation ATtiny25 Datasheet HTML 192Page - ATMEL Corporation ATtiny25 Datasheet HTML 193Page - ATMEL Corporation ATtiny25 Datasheet HTML 194Page - ATMEL Corporation ATtiny25 Datasheet HTML 195Page - ATMEL Corporation ATtiny25 Datasheet HTML 196Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 192 / 196 page
background image
192
7598H–AVR–07/09
ATtiny25/45/85
7
Power Management and Sleep Modes ................................................. 31
7.1
MCU Control Register – MCUCR ....................................................................31
7.2
Idle Mode .........................................................................................................32
7.3
ADC Noise Reduction Mode ............................................................................32
7.4
Power-down Mode ...........................................................................................32
7.5
Limitations .......................................................................................................33
7.6
Power Reduction Register ...............................................................................33
7.7
Minimizing Power Consumption ......................................................................34
8
System Control and Reset .................................................................... 35
8.1
Resetting the AVR ...........................................................................................35
8.2
Reset Sources .................................................................................................35
8.3
Power-on Reset ...............................................................................................36
8.4
External Reset .................................................................................................37
8.5
Brown-out Detection ........................................................................................38
8.6
Watchdog Reset ..............................................................................................39
8.7
MCU Status Register – MCUSR ......................................................................40
8.8
Internal Voltage Reference ..............................................................................40
8.9
Watchdog Timer ..............................................................................................41
8.10
Timed Sequences for Changing the Configuration of the Watchdog Timer ....44
9
Interrupts ................................................................................................ 45
9.1
Interrupt Vectors in ATtiny25/45/85 .................................................................45
10
I/O Ports .................................................................................................. 46
10.1
Introduction ......................................................................................................46
10.2
Ports as General Digital I/O .............................................................................47
10.3
Alternate Port Functions ..................................................................................52
10.4
Register Description for I/O-Ports ....................................................................58
11
External Interrupts ................................................................................. 58
11.1
MCU Control Register – MCUCR ....................................................................59
11.2
General Interrupt Mask Register – GIMSK ......................................................59
11.3
General Interrupt Flag Register – GIFR ..........................................................60
11.4
Pin Change Mask Register – PCMSK .............................................................60
12
8-bit Timer/Counter0 with PWM ............................................................ 61
12.1
Overview ..........................................................................................................61
12.2
Timer/Counter Clock Sources .........................................................................62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com