Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny87-15XZ Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATtiny87-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15XZ Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATtiny87-15XZ Datasheet HTML 99Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 100Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 101Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 102Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 103Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 104Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 105Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 106Page - ATMEL Corporation ATtiny87-15XZ Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 282 page
background image
103
7728D–AVR–07/09
ATtiny87/ATtiny167
The three Clock Select bits select the clock source to be used by the Timer/Counter, see
Table 10-5.
10.11.2
Timer/Counter0 Register – TCNT0
The Timer/Counter Register gives direct access, both for read and write operations, to the
Timer/Counter unit 8-bit counter. Writing to the TCNT0 Register blocks (removes) the Com-
pare Match on the following timer clock. Modifying the counter (TCNT0) while the counter is
running, introduces a risk of missing a Compare Match between TCNT0 and the OCR0x
Register.
10.11.3
Output Compare Register A – OCR0A
The Output Compare Register A contains an 8-bit value that is continuously compared with
the counter value (TCNT0). A match can be used to generate an Output Compare interrupt, or
to generate a waveform output on the OC0A pin.
10.11.4
Asynchronous Status Register – ASSR
• Bit 7 – Res: Reserved Bit
This bit is reserved in the ATtiny87/167 and will always read as zero.
• Bit 6 – EXCLK: Enable External Clock Input
When EXCLK is written to one, and asynchronous clock is selected, the external clock input
buffer is enabled and an external clock can be input on XTAL1 pin instead of an external crys-
tal. Writing to EXCLK should be done before asynchronous operation is selected. Note that
the crystal oscillator will only run when this bit is zero.
Table 10-5.
Clock Select Bit Description
CS02
CS01
CS00
Description
0
0
0
No clock source (Timer/Counter stopped).
001
clkT0S (No prescaling)
010
clkT0S/8 (From prescaler)
011
clkT0S/32 (From prescaler)
100
clkT0S/64 (From prescaler)
101
clkT0S/128 (From prescaler)
110
clk
T0S/256 (From prescaler)
111
clk
T0S/1024 (From prescaler)
Bit
7654
3210
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
TCNT0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000
Bit
7654
3210
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
OCR0A
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000
Bit
7
6
5
4
321
0
–
EXCLK
AS0
TCN0UB
OCR0AUB
–
TCR0AUB
TCR0BUB
ASSR
Read/Write
R
R/W
R/W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com