Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 128 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 124Page - ATMEL Corporation ATmega328P Datasheet HTML 125Page - ATMEL Corporation ATmega328P Datasheet HTML 126Page - ATMEL Corporation ATmega328P Datasheet HTML 127Page - ATMEL Corporation ATmega328P Datasheet HTML 128Page - ATMEL Corporation ATmega328P Datasheet HTML 129Page - ATMEL Corporation ATmega328P Datasheet HTML 130Page - ATMEL Corporation ATmega328P Datasheet HTML 131Page - ATMEL Corporation ATmega328P Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 345 page
background image
128
7810A–AVR–11/09
ATmega328P [Preliminary]
Note:
1. The CTC1 and PWM11:0 bit definition names are obsolete. Use the
WGM12:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
15.11.2
TCCR1B – Timer/Counter1 Control Register B
• Bit 7 – ICNC1: Input Capture Noise Canceler
Setting this bit (to one) activates the Input Capture Noise Canceler. When the noise canceler is
activated, the input from the Input Capture pin (ICP1) is filtered. The filter function requires four
successive equal valued samples of the ICP1 pin for changing its output. The Input Capture is
therefore delayed by four Oscillator cycles when the noise canceler is enabled.
• Bit 6 – ICES1: Input Capture Edge Select
This bit selects which edge on the Input Capture pin (ICP1) that is used to trigger a capture
event. When the ICES1 bit is written to zero, a falling (negative) edge is used as trigger, and
when the ICES1 bit is written to one, a rising (positive) edge will trigger the capture.
When a capture is triggered according to the ICES1 setting, the counter value is copied into the
Input Capture Register (ICR1). The event will also set the Input Capture Flag (ICF1), and this
can be used to cause an Input Capture Interrupt, if this interrupt is enabled.
Table 15-4.
Waveform Generation Mode Bit Description
(1)
Mode
WGM13
WGM12
(CTC1)
WGM11
(PWM11)
WGM10
(PWM10)
Timer/Counter Mode of
Operation
TOP
Update of
OCR1
x at
TOV1 Flag
Set on
0
0
0
0
0
Normal
0xFFFF
Immediate
MAX
1
0
0
0
1
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
2
0
0
1
0
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
3
0
0
1
1
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
4
0
1
0
0
CTC
OCR1A
Immediate
MAX
5
0
1
0
1
Fast PWM, 8-bit
0x00FF
BOTTOM
TOP
6
0
1
1
0
Fast PWM, 9-bit
0x01FF
BOTTOM
TOP
7
0
1
1
1
Fast PWM, 10-bit
0x03FF
BOTTOM
TOP
8
1
000
PWM, Phase and Frequency
Correct
ICR1
BOTTOM
BOTTOM
9
1
001
PWM, Phase and Frequency
Correct
OCR1A
BOTTOM
BOTTOM
10
1
0
1
0
PWM, Phase Correct
ICR1
TOP
BOTTOM
11
1
0
1
1
PWM, Phase Correct
OCR1A
TOP
BOTTOM
12
1
1
0
0
CTC
ICR1
Immediate
MAX
13
1
1
0
1
(Reserved)
–
–
–
14
1
110
Fast PWM
ICR1
BOTTOM
TOP
15
1
111
Fast PWM
OCR1A
BOTTOM
TOP
Bit
7
6
5
4
3
2
1
0
(0x81)
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com