Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 218 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 218 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 214Page - ATMEL Corporation ATmega328P Datasheet HTML 215Page - ATMEL Corporation ATmega328P Datasheet HTML 216Page - ATMEL Corporation ATmega328P Datasheet HTML 217Page - ATMEL Corporation ATmega328P Datasheet HTML 218Page - ATMEL Corporation ATmega328P Datasheet HTML 219Page - ATMEL Corporation ATmega328P Datasheet HTML 220Page - ATMEL Corporation ATmega328P Datasheet HTML 221Page - ATMEL Corporation ATmega328P Datasheet HTML 222Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 345 page
background image
218
7810A–AVR–11/09
ATmega328P [Preliminary]
Assembly Code Example
C Example
Comments
1
ldi
r16,
(1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
Send START condition
2
wait1:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait1
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the START
condition has been transmitted
3
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, START
brne
ERROR
if
((TWSR & 0xF8) != START)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from START go to
ERROR
ldi
r16, SLA_W
out
TWDR, r16
ldi
r16, (1<<TWINT) |
(1<<TWEN)
out
TWCR, r16
TWDR = SLA_W;
TWCR = (1<<TWINT) |
(1<<TWEN);
Load SLA_W into TWDR
Register. Clear TWINT bit in
TWCR to start transmission of
address
4
wait2:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait2
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the SLA+W has
been transmitted, and
ACK/NACK has been received.
5
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_SLA_ACK
brne
ERROR
if
((TWSR & 0xF8) !=
MT_SLA_ACK)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from
MT_SLA_ACK go to ERROR
ldi
r16, DATA
out
TWDR, r16
ldi
r16, (1<<TWINT) |
(1<<TWEN)
out
TWCR, r16
TWDR = DATA;
TWCR = (1<<TWINT) |
(1<<TWEN);
Load DATA into TWDR Register.
Clear TWINT bit in TWCR to
start transmission of data
6
wait3:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait3
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the DATA has been
transmitted, and ACK/NACK has
been received.
7
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_DATA_ACK
brne
ERROR
if
((TWSR & 0xF8) !=
MT_DATA_ACK)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from
MT_DATA_ACK go to ERROR
ldi
r16,
(1<<TWINT)|(1<<TWEN)|
(1<<TWSTO)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWEN)|
(1<<TWSTO);
Transmit STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com