Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 283 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 283 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 279Page - ATMEL Corporation ATmega328P Datasheet HTML 280Page - ATMEL Corporation ATmega328P Datasheet HTML 281Page - ATMEL Corporation ATmega328P Datasheet HTML 282Page - ATMEL Corporation ATmega328P Datasheet HTML 283Page - ATMEL Corporation ATmega328P Datasheet HTML 284Page - ATMEL Corporation ATmega328P Datasheet HTML 285Page - ATMEL Corporation ATmega328P Datasheet HTML 286Page - ATMEL Corporation ATmega328P Datasheet HTML 287Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 345 page
background image
283
7810A–AVR–11/09
ATmega328P [Preliminary]
26.8.14
ATmega328P Boot Loader Parameters
In Table 26-7 through Table 26-9, the parameters used in the description of the self programming are given.
Note:
The different BOOTSZ Fuse configurations are shown in Figure 26-2 on page 274.
For details about these two section, see “NRWW – No Read-While-Write Section” on page 272 and “RWW –
Read-While-Write Section” on page 272
Note:
1. Z15: always ignored
Z0: should be zero for all SPM commands, byte select for the LPM instruction.
See “Addressing the Flash During Self-Programming” on page 276 for details about the use of Z-pointer during
Self-Programming.
Table 26-7.
Boot Size Configuration, ATmega328P
BOOTSZ1
BOOTSZ0
Boot
Size
Pages
Application
Flash
Section
Boot
Loader
Flash
Section
End
Application
Section
Boot Reset Address (Start Boot
Loader Section)
1
1
256 words
4
0x0000 - 0x3EFF
0x3F00 - 0x3FFF
0x3EFF
0x3F00
1
0
512 words
8
0x0000 - 0x3DFF
0x3E00 - 0x3FFF
0x3DFF
0x3E00
0
1
1024 words
16
0x0000 - 0x3BFF
0x3C00 - 0x3FFF
0x3BFF
0x3C00
0
0
2048 words
32
0x0000 - 0x37FF
0x3800 - 0x3FFF
0x37FF
0x3800
Table 26-8.
Read-While-Write Limit, ATmega328P
Section
Pages
Address
Read-While-Write section (RWW)
224
0x0000 - 0x37FF
No Read-While-Write section (NRWW)
32
0x3800 - 0x3FFF
Table 26-9.
Explanation of Different Variables used in Figure 26-3 and the Mapping to the Z-pointer, ATmega328P
Variable
Corresponding
Z-value(1)
Description
PCMSB
13
Most significant bit in the Program Counter. (The Program Counter
is 14 bits PC[13:0])
PAGEMSB
5
Most significant bit which is used to address the words within
one page (64 words in a page requires 6 bits PC [5:0])
ZPCMSB
Z14
Bit in Z-register that is mapped to PCMSB. Because Z0 is not used,
the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-register that is mapped to PAGEMSB. Because Z0 is not
used, the ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[13:6]
Z14:Z7
Program counter page address: Page select, for page erase and
page write
PCWORD
PC[5:0]
Z6:Z1
Program counter word address: Word select, for filling temporary
buffer (must be zero during page write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com