Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 313 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 313 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 309Page - ATMEL Corporation ATmega328P Datasheet HTML 310Page - ATMEL Corporation ATmega328P Datasheet HTML 311Page - ATMEL Corporation ATmega328P Datasheet HTML 312Page - ATMEL Corporation ATmega328P Datasheet HTML 313Page - ATMEL Corporation ATmega328P Datasheet HTML 314Page - ATMEL Corporation ATmega328P Datasheet HTML 315Page - ATMEL Corporation ATmega328P Datasheet HTML 316Page - ATMEL Corporation ATmega328P Datasheet HTML 317Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 345 page
background image
313
7810A–AVR–11/09
ATmega328P [Preliminary]
Notes:
1.
tWLRH is valid for the Write Flash, Write EEPROM, Write Fuse bits and Write Lock bits
commands.
2.
tWLRH_CE is valid for the Chip Erase command.
Figure 28-6. Parallel Programming Timing, Including some General Timing Requirements
tPHPL
PAGEL Pulse Width High
150
ns
tPLBX
BS1 Hold after PAGEL Low
67
ns
tWLBX
BS2/1 Hold after WR Low
67
ns
tPLWL
PAGEL Low to WR Low
67
ns
tBVWL
BS1 Valid to WR Low
67
ns
tWLWH
WR Pulse Width Low
150
ns
tWLRL
WR Low to RDY/BSY Low
0
1
µs
tWLRH
WR Low to RDY/BSY High
(1)
3.7
4.5
ms
tWLRH_CE
WR Low to RDY/BSY High for Chip Erase
(2)
7.5
9
ms
tXLOL
XTAL1 Low to OE Low
0
ns
tBVDV
BS1 Valid to DATA valid
0
250
ns
tOLDV
OE Low to DATA Valid
250
ns
tOHDZ
OE High to DATA Tri-stated
250
ns
Table 28-9.
Parallel Programming Characteristics, V
CC = 5V ± 10% (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Data & Contol
(DATA, XA0/1, BS1, BS2)
XTAL1
t
XHXL
t
WLWH
t
DVXH
t
XLDX
t
PLWL
t
WLRH
WR
RDY/BSY
PAGEL
t
PHPL
t
PLBX
t
BVPH
t
XLWL
t
WLBX
t
BVWL
WLRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com