Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny44 Datasheet(PDF) 232 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 232 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 228Page - ATMEL Corporation ATtiny44 Datasheet HTML 229Page - ATMEL Corporation ATtiny44 Datasheet HTML 230Page - ATMEL Corporation ATtiny44 Datasheet HTML 231Page - ATMEL Corporation ATtiny44 Datasheet HTML 232Page - ATMEL Corporation ATtiny44 Datasheet HTML 233Page - ATMEL Corporation ATtiny44 Datasheet HTML 234Page - ATMEL Corporation ATtiny44 Datasheet HTML 235Page - ATMEL Corporation ATtiny44 Datasheet HTML 236Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 232 / 236 page
background image
ii
8006H–AVR–10/09
ATtiny24/44/84
7.3
Power Reduction Register ...............................................................................35
7.4
Minimizing Power Consumption ......................................................................35
7.5
Register Description ........................................................................................36
8
System Control and Reset .................................................................... 39
8.1
Resetting the AVR ...........................................................................................39
8.2
Reset Sources .................................................................................................40
8.3
Internal Voltage Reference ..............................................................................42
8.4
Watchdog Timer ..............................................................................................42
8.5
Register Description ........................................................................................45
9
Interrupts ................................................................................................ 48
9.1
Interrupt Vectors ..............................................................................................48
9.2
External Interrupts ...........................................................................................49
9.3
Register Description ........................................................................................51
10
I/O Ports .................................................................................................. 54
10.1
Ports as General Digital I/O .............................................................................55
10.2
Alternate Port Functions ..................................................................................58
10.3
Register Description ........................................................................................67
11
8-bit Timer/Counter0 with PWM ............................................................ 69
11.1
Features ..........................................................................................................69
11.2
Overview ..........................................................................................................69
11.3
Clock Sources .................................................................................................70
11.4
Counter Unit ....................................................................................................70
11.5
Output Compare Unit .......................................................................................71
11.6
Compare Match Output Unit ............................................................................73
11.7
Modes of Operation .........................................................................................74
11.8
Timer/Counter Timing Diagrams .....................................................................78
11.9
Register Description ........................................................................................80
12
16-bit Timer/Counter1 ............................................................................ 87
12.1
Features ..........................................................................................................87
12.2
Overview ..........................................................................................................87
12.3
Timer/Counter Clock Sources .........................................................................89
12.4
Counter Unit ....................................................................................................89
12.5
Input Capture Unit ...........................................................................................90
12.6
Output Compare Units .....................................................................................92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com