Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny48-MMH Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATtiny48-MMH
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MMH Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATtiny48-MMH Datasheet HTML 183Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 184Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 185Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 186Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 187Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 188Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 189Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 190Page - ATMEL Corporation ATtiny48-MMH Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 266 page
background image
187
8008C–AVR–03/09
ATtiny48/88
20.5
Page Size
20.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATtiny48/88. Pulses are assumed to be at
least 250 ns unless otherwise noted.
20.6.1
Signal Names
In this section, some pins of the ATtiny48/88 are referenced by signal names describing their
functionality during parallel programming, see Figure 20-1 and Table 20-9. Pins not described in
the following table are referenced by pin names.
Figure 20-1. Parallel Programming
Table 20-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of
Pages
PCPAGE
PCMSB
ATtiny48
2K words
(4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
ATtiny88
4K words
(8K bytes)
32 words
PC[4:0]
128
PC[11:5]
11
Table 20-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page
Size
PCWORD
No. of
Pages
PCPAGE
EEAMSB
ATtiny48
64 bytes
4 bytes
EEA[1:0]
16
EEA[5:2]
5
ATtiny88
64 bytes
4 bytes
EEA[1:0]
16
EEA[5:2]
5
VCC
GND
CLKI
PD1
PD2
PD3
PD4
PD5
PD6
PC[1:0]:PB[5:0]
DATA
RESET
PD7
+12 V
BS1
XA0
XA1
OE
RDY/BSY
PAGEL
PC2
WR
BS2
AVCC
+4.5 - 5.5V
+4.5 - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com