Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 227 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 223Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 224Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 225Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 226Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 227Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 228Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 229Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 230Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 393 page
background image
227
8018N–AVR–08/09
ATmega169P
ADMUX = 0xFB (ADC3 - ADC2, 1.1V reference, left adjusted result)
Voltage on ADC3 is 300 mV, voltage on ADC2 is 500 mV.
ADCR = 512 * (300 - 500) / 1100 = -93 = 0x3A3
.
ADCL will thus read 0xC0, and ADCH will read 0xD8. Writing zero to ADLAR right adjusts the
result: ADCL = 0xA3, ADCH = 0x03.
Table 22-2.
Correlation Between Input Voltage and Output Codes
V
ADCn
Read Code
Corresponding Decimal Value
V
ADCm + VREF
0x1FF
511
VADCm +
511/
512 VREF
0x1FF
511
V
ADCm +
510/
512 VREF
0x1FE
510
...
...
...
VADCm +
1/
512 VREF
0x001
1
V
ADCm
0x000
0
VADCm -
1/
512 VREF
0x3FF
-1
...
...
...
V
ADCm -
511/
512 VREF
0x201
-511
VADCm - VREF
0x200
-512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com