Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega169PV-8MCH Datasheet(PDF) 274 Page - ATMEL Corporation

Part # ATmega169PV-8MCH
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169PV-8MCH Datasheet(HTML) 274 Page - ATMEL Corporation

Back Button ATmega169PV-8MCH Datasheet HTML 270Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 271Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 272Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 273Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 274Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 275Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 276Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 277Page - ATMEL Corporation ATmega169PV-8MCH Datasheet HTML 278Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 393 page
background image
274
8018N–AVR–08/09
ATmega169P
132
PB0.Control
Port B
131
PB0.Pull-up_Enable
130
PB1.Data
129
PB1.Control
128
PB1.Pull-up_Enable
127
PB2.Data
126
PB2.Control
125
PB2.Pull-up_Enable
124
PB3.Data
123
PB3.Control
122
PB3.Pull-up_Enable
121
PB4.Data
120
PB4.Control
119
PB4.Pull-up_Enable
118
PB5.Data
117
PB5.Control
116
PB5.Pull-up_Enable
115
PB6.Data
114
PB6.Control
113
PB6.Pull-up_Enable
112
PB7.Data
111
PB7.Control
110
PB7.Pull-up_Enable
109
PG3.Data
Port G
108
PG3.Control
107
PG3.Pull-up_Enable
106
PG4.Data
105
PG4.Control
104
PG4.Pull-up_Enable
103
PG5
(Observe Only)
102
RSTT
Reset Logic
(Observe-only)
101
RSTHV
100
EXTCLKEN
Enable signals for main Clock/Oscillators
99
OSCON
98
RCOSCEN
97
OSC32EN
Table 25-5.
ATmega169P Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com