Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16A Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 170Page - ATMEL Corporation ATmega16A Datasheet HTML 171Page - ATMEL Corporation ATmega16A Datasheet HTML 172Page - ATMEL Corporation ATmega16A Datasheet HTML 173Page - ATMEL Corporation ATmega16A Datasheet HTML 174Page - ATMEL Corporation ATmega16A Datasheet HTML 175Page - ATMEL Corporation ATmega16A Datasheet HTML 176Page - ATMEL Corporation ATmega16A Datasheet HTML 177Page - ATMEL Corporation ATmega16A Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 352 page
background image
174
8154B–AVR–07/09
ATmega16A
Table 19-12. Examples of UBRR Settings for Commonly Used Oscillator Frequencies
Baud Rate (bps)
f
osc = 16.0000 MHz
U2X = 0
U2X = 1
UBRR
Error
UBRR
Error
2400
416
-0.1%
832
0.0%
4800
207
0.2%
416
-0.1%
9600
103
0.2%
207
0.2%
14.4k
68
0.6%
138
-0.1%
19.2k
51
0.2%
103
0.2%
28.8k
34
-0.8%
68
0.6%
38.4k
25
0.2%
51
0.2%
57.6k
16
2.1%
34
-0.8%
76.8k
12
0.2%
25
0.2%
115.2k
8
-3.5%
16
2.1%
230.4k
3
8.5%
8
-3.5%
250k
3
0.0%
7
0.0%
0.5M
1
0.0%
3
0.0%
1M
0
0.0%
1
0.0%
Max (1)
1.
UBRR = 0, Error = 0.0%
1 Mbps
2 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com