Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16A Datasheet(PDF) 220 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 216Page - ATMEL Corporation ATmega16A Datasheet HTML 217Page - ATMEL Corporation ATmega16A Datasheet HTML 218Page - ATMEL Corporation ATmega16A Datasheet HTML 219Page - ATMEL Corporation ATmega16A Datasheet HTML 220Page - ATMEL Corporation ATmega16A Datasheet HTML 221Page - ATMEL Corporation ATmega16A Datasheet HTML 222Page - ATMEL Corporation ATmega16A Datasheet HTML 223Page - ATMEL Corporation ATmega16A Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 352 page
background image
220
8154B–AVR–07/09
ATmega16A
If differential channels are used, the result is
where V
POS is the voltage on the positive input pin, VNEG the voltage on the negative input pin,
GAIN the selected gain factor, and V
REF the selected voltage reference. The result is presented
in two’s complement form, from 0x200 (-512d) through 0x1FF (+511d). Note that if the user
wants to perform a quick polarity check of the results, it is sufficient to read the MSB of the result
(ADC9 in ADCH). If this bit is one, the result is negative, and if this bit is zero, the result is posi-
tive. Figure 22-14 shows the decoding of the differential input range.
Table 22-2 shows the resulting output codes if the differential input channel pair (ADCn - ADCm)
is selected with a gain of GAIN and a reference voltage of V
REF.
Figure 22-14. Differential Measurement Range
Table 22-2.
Correlation between Input Voltage and Output Codes
V
ADCn
Read code
Corresponding Decimal Value
VADCm + VREF/GAIN
0x1FF
511
VADCm + 511/512 VREF/GAIN
0x1FF
511
V
ADCm + 510/512 VREF/GAIN
0x1FE
510
ADC
VIN 1024
⋅
VREF
--------------------------
=
ADC
VPOS VNEG
–
() GAIN 512
⋅⋅
VREF
------------------------------------------------------------------------
=
0
Output Code
0x1FF
0x000
V
REF/GAIN
Differential Input
Voltage (Volts)
0x3FF
0x200
- V
REF/GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com