Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 270 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 270 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 266Page - ATMEL Corporation ATmega64A Datasheet HTML 267Page - ATMEL Corporation ATmega64A Datasheet HTML 268Page - ATMEL Corporation ATmega64A Datasheet HTML 269Page - ATMEL Corporation ATmega64A Datasheet HTML 270Page - ATMEL Corporation ATmega64A Datasheet HTML 271Page - ATMEL Corporation ATmega64A Datasheet HTML 272Page - ATMEL Corporation ATmega64A Datasheet HTML 273Page - ATMEL Corporation ATmega64A Datasheet HTML 274Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 392 page
background image
270
8160C–AVR–07/09
ATmega64A
Table 25-5.
Boundary-scan Signals for the ADC(1)
Signal
Name
Direction
as Seen
from the
ADC
Description
Recommended
Input when not
in Use
Output Values when
Recommended Inputs
are Used, and CPU is
not Using the ADC
COMP
Output
Comparator Output
0
0
ACLK
Input
Clock signal to gain
stages implemented
as Switch-cap filters
00
ACTEN
Input
Enable path from gain
stages to the
Comparator
00
ADCBGEN
Input
Enable Band-gap
reference as negative
input to Comparator
00
ADCEN
Input
Power-on signal to the
ADC
00
AMPEN
Input
Power-on signal to the
gain stages
00
DAC_9
Input
Bit nine of digital value
to DAC
11
DAC_8
Input
Bit eight of digital
value to DAC
00
DAC_7
Input
Bit seven of digital
value to DAC
00
DAC_6
Input
Bit six of digital value
to DAC
00
DAC_5
Input
Bit five of digital value
to DAC
00
DAC_4
Input
Bit four of digital value
to DAC
00
DAC_3
Input
Bit three of digital
value to DAC
00
DAC_2
Input
Bit two of digital value
to DAC
00
DAC_1
Input
Bit 1 of digital value to
DAC
00
DAC_0
Input
Bit 0 of digital value to
DAC
00
EXTCH
Input
Connect ADC
channels 0 - 3 to
bypass path around
gain stages
11
G10
Input
Enable 10x gain
0
0
G20
Input
Enable 20x gain
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com