Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 277 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 273Page - ATMEL Corporation ATmega64A Datasheet HTML 274Page - ATMEL Corporation ATmega64A Datasheet HTML 275Page - ATMEL Corporation ATmega64A Datasheet HTML 276Page - ATMEL Corporation ATmega64A Datasheet HTML 277Page - ATMEL Corporation ATmega64A Datasheet HTML 278Page - ATMEL Corporation ATmega64A Datasheet HTML 279Page - ATMEL Corporation ATmega64A Datasheet HTML 280Page - ATMEL Corporation ATmega64A Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 392 page
background image
277
8160C–AVR–07/09
ATmega64A
103
RSTT
Reset Logic
(Observe-only)
102
RSTHV
101
EXTCLKEN
Enable Signals for Main Clock/Oscillators
100
OSCON
99
RCOSCEN
98
OSC32EN
97
EXTCLK (XTAL1)
Clock Input and Oscillators for the Main Clock
(Observe-only)
96
OSCCK
95
RCCK
94
OSC32CK
93
TWIEN
TWI
92
PD0.Data
Port D
91
PD0.Control
90
PD0.Pullup_Enable
89
PD1.Data
88
PD1.Control
87
PD1.Pullup_Enable
86
PD2.Data
85
PD2.Control
84
PD2.Pullup_Enable
83
PD3.Data
82
PD3.Control
81
PD3.Pullup_Enable
80
PD4.Data
79
PD4.Control
78
PD4.Pullup_Enable
77
PD5.Data
76
PD5.Control
75
PD5.Pullup_Enable
74
PD6.Data
73
PD6.Control
72
PD6.Pullup_Enable
71
PD7.Data
70
PD7.Control
69
PD7.Pullup_Enable
68
PG0.Data
Port G
Table 25-7.
ATmega64A Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com