Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 292 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 288Page - ATMEL Corporation ATmega64A Datasheet HTML 289Page - ATMEL Corporation ATmega64A Datasheet HTML 290Page - ATMEL Corporation ATmega64A Datasheet HTML 291Page - ATMEL Corporation ATmega64A Datasheet HTML 292Page - ATMEL Corporation ATmega64A Datasheet HTML 293Page - ATMEL Corporation ATmega64A Datasheet HTML 294Page - ATMEL Corporation ATmega64A Datasheet HTML 295Page - ATMEL Corporation ATmega64A Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 392 page
background image
292
8160C–AVR–07/09
ATmega64A
Do_spm:
; check for previous SPM complete
Wait_spm:
lds
temp1, SPMCSR
sbrc
temp1, SPMEN
rjmp
Wait_spm
; input: spmcrval determines SPM action
; disable interrupts if enabled, store status
in
temp2, SREG
cli
; check that no EEPROM write access is present
Wait_ee:
sbic
EECR, EEWE
rjmp
Wait_ee
; SPM timed sequence
sts
SPMCSR, spmcrval
spm
; restore SREG (to enable interrupts if originally enabled)
out
SREG, temp2
ret
26.8.13
ATmega64A Boot Loader Parameters
In Table 26-6 through Table 26-8, the parameters used in the description of the Self-program-
ming are given.
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 26-2
Note:
1. For details about these two section, see “NRWW – No Read-While-Write Section” on page
282 and “RWW – Read-While-Write Section” on page 282
Table 26-6.
Boot Size Configuration
(1)
BOOTSZ1
BOOTSZ0
Boot
Size
Pages
Appli-
cation
Flash
Section
Boot
Loader
Flash
Section
End
Applic-
ation
Section
Boot Reset
Address
(Start Boot
Loader
Section)
11
512
words
4
0x0000 -
0x7DFF
0x7E00 -
0x7FFF
0x7DFF
0x7E00
10
1024
words
8
0x0000 -
0x7BFF
0x7C00 -
0x7FFF
0x7BFF
0x7C00
01
2048
words
16
0x0000 -
0x77FF
0x7800 -
0x7FFF
0x77FF
0x7800
00
4096
words
32
0x0000 -
0x6FFF
0x7000 -
0x7FFF
0x6FFF
0x7000
Table 26-7.
Read-While-Write Limit
()
Section
Pages
Address
Read-While-Write (RWW)
224
0x0000 - 0x6FFF
No Read-While-Write (NRWW)
32
0x7000 - 0x7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com