Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 297 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 293Page - ATMEL Corporation ATmega64A Datasheet HTML 294Page - ATMEL Corporation ATmega64A Datasheet HTML 295Page - ATMEL Corporation ATmega64A Datasheet HTML 296Page - ATMEL Corporation ATmega64A Datasheet HTML 297Page - ATMEL Corporation ATmega64A Datasheet HTML 298Page - ATMEL Corporation ATmega64A Datasheet HTML 299Page - ATMEL Corporation ATmega64A Datasheet HTML 300Page - ATMEL Corporation ATmega64A Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 392 page
background image
297
8160C–AVR–07/09
ATmega64A
Note:
1. The SPIEN Fuse is not accessible in SPI Serial Programming mode.
2. The CKOPT Fuse functionality depends on the setting of the CKSEL bits. See
“Clock
Sources” on page 38 for details.
3. The default value of BOOTSZ1:0 results in maximum Boot Size. See Table 26-6 on page 292
4. If the JTAG interface is left unconnected, the JTAGEN fuse should if possible be disabled. This
to avoid static current at the TDO pin in the JTAG interface
Note:
1. The default value of SUT1:0 results in maximum start-up time. See Table 8-8 on page 42 for
details.
2. The default setting of CKSEL3:0 results in internal RC Oscillator @ 1 MHz. See Table 8-1 on
page 38 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
27.2.1
Latching of Fuses
The fuse values are latched when the device enters Programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
Table 27-4.
Fuse High Byte
Fuse High Byte
Bit no
Description
Default Value
OCDEN
7
Enable OCD
1 (unprogrammed, OCD
disabled)
JTAGEN(4)
6
Enable JTAG
0 (programmed, JTAG
enabled)
SPIEN(1)
5
Enable SPI Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
CKOPT(2)
4
Oscillator options
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 26-6 for
details)
0 (programmed)(3)
BOOTSZ0
1
Select Boot Size (see Table 26-6 for
details)
0 (programmed)(3)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 27-5.
Fuse Low Byte
Fuse Low Byte
Bit no
Description
Default Value
BODLEVEL
7
Brown out detector trigger level
1 (unprogrammed)
BODEN
6
Brown out detector enable
1 (unprogrammed, BOD disabled)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
0 (programmed)(2)
CKSEL0
0
Select Clock source
1 (unprogrammed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com