Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 313 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 313 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 309Page - ATMEL Corporation ATmega64A Datasheet HTML 310Page - ATMEL Corporation ATmega64A Datasheet HTML 311Page - ATMEL Corporation ATmega64A Datasheet HTML 312Page - ATMEL Corporation ATmega64A Datasheet HTML 313Page - ATMEL Corporation ATmega64A Datasheet HTML 314Page - ATMEL Corporation ATmega64A Datasheet HTML 315Page - ATMEL Corporation ATmega64A Datasheet HTML 316Page - ATMEL Corporation ATmega64A Datasheet HTML 317Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 392 page
background image
313
8160C–AVR–07/09
ATmega64A
Table 27-15. SPI Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable SPI Serial Programming
after RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Read Program Memory
0010 H000
xaaa aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
Program memory at word address
a:b.
Load Program Memory
Page
0100 H000
xxxx xxxx
xbbb bbbb
iiii iiii
Write H (high or low) data i to
Program Memory page at word
address b. Data low byte must be
loaded before data high byte is
applied within the same address.
Write Program Memory
Page
0100 1100
xaaa aaaa
bxxx xxxx
xxxx xxxx
Write Program Memory Page at
address a:b.
Read EEPROM Memory
1010 0000
xxxx xaaa
bbbb bbbb
oooo oooo
Read data o from EEPROM
memory at address a:b.
Write EEPROM Memory
1100 0000
xxxx xaaa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory
at address a:b.
Read Lock Bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed,
“1” = unprogrammed. See Table
27-1 on page 295 for details.
Write Lock Bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See Table 27-1
on page 295 for details.
Read Signature Byte
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address
b.
Write Fuse Bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See Table 27-5 on
page 297 for details.
Write Fuse High Bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See Table 27-4 on
page 297 for details.
Write Extended Fuse Bits
1010 1100
1010 0100
xxxx xxxx
xxxx xxii
Set bits = “0” to program, “1” to
unprogram. See Table 27-5 on
page 297 for details.
Read Fuse Bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed,
“1” = unprogrammed. See Table
27-5 on page 297 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com