Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 327 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 327 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 323Page - ATMEL Corporation ATmega64A Datasheet HTML 324Page - ATMEL Corporation ATmega64A Datasheet HTML 325Page - ATMEL Corporation ATmega64A Datasheet HTML 326Page - ATMEL Corporation ATmega64A Datasheet HTML 327Page - ATMEL Corporation ATmega64A Datasheet HTML 328Page - ATMEL Corporation ATmega64A Datasheet HTML 329Page - ATMEL Corporation ATmega64A Datasheet HTML 330Page - ATMEL Corporation ATmega64A Datasheet HTML 331Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 392 page
background image
327
8160C–AVR–07/09
ATmega64A
28. Electrical Characteristics
28.1
Absolute Maximum Ratings*
Operating Temperature....................................-55
⋅C to +125⋅C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ..................... 200.0 - 400.0mA
28.2
DC Characteristics
T
A = -40⋅C to 85⋅C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage except
XTAL1 and RESET pins
VCC=2.7V - 5.5V
-0.5
0.2 VCC
(1)
V
VIH
Input High Voltage except
XTAL1 and RESET pins
VCC=2.7V - 5.5V
0.6 VCC
(2)
VCC + 0.5
V
VIL1
Input Low Voltage
XTAL1 pin
VCC=2.7V - 5.5V
-0.5
0.1 V
CC
(1)
V
VIH1
Input High Voltage
XTAL1 pin
VCC=2.7V - 5.5V
0.7 V
CC
(2)
V
CC + 0.5
V
VIL2
Input Low Voltage
RESET pin
VCC=2.7V - 5.5V
-0.5
0.2 V
CC
(1)
V
VIH2
Input High Voltage
RESET pin
VCC=2.7V - 5.5V
0.85 V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3)
(Ports A,B,C,D, E, F, G)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.9
0.6
V
V
VOH
Output High Voltage(4)
(Ports A,B,C,D, E, F, G))
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.2
2.2
V
V
IIL
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin low
(absolute value)
1.0
µA
IIH
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin high
(absolute value)
1.0
µA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
RPEN
PEN Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com