Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 384 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 384 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 380Page - ATMEL Corporation ATmega64A Datasheet HTML 381Page - ATMEL Corporation ATmega64A Datasheet HTML 382Page - ATMEL Corporation ATmega64A Datasheet HTML 383Page - ATMEL Corporation ATmega64A Datasheet HTML 384Page - ATMEL Corporation ATmega64A Datasheet HTML 385Page - ATMEL Corporation ATmega64A Datasheet HTML 386Page - ATMEL Corporation ATmega64A Datasheet HTML 387Page - ATMEL Corporation ATmega64A Datasheet HTML 388Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 392 page
background image
384
8160C–AVR–07/09
ATmega64A
35. Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section refers to the document revision.
35.1
8160C – 07/09
35.2
8160B – 03/09
35.3
8160A – 08/08
1.
Updated “Errata” on page 382.
1.
Updated “Typical Characteristics” view.
2.
Updated Figure 29-36 and Figure 29-37 on page 361 (BOD Thresholds Characteristics).
3.
Updated the last page.
1.
Initial revision (Based on the ATmega64/L datasheet 2490N-AVR-06/08).
2.
Changes done compared to ATmega64/L datasheet 2490N-AVR-06/08:
– All Electrical Characteristics are moved to “Electrical Characteristics” on page 327.
– Register descriptions are moved to sub section at the end of each chapter.
– Updated “DC Characteristics” on page 327 with new V
OL Max (0.9V and 0.6V) and
typical values for ICC.
– Added “Speed Grades” on page 329.
– Added “System and Reset Characteristics” on page 330.
– New graphics in “Typical Characteristics” on page 343.
–New “Ordering Information” on page 379.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com