Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5166 Datasheet(PDF) 103 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 99Page - Analog Devices ADE5166_09 Datasheet HTML 100Page - Analog Devices ADE5166_09 Datasheet HTML 101Page - Analog Devices ADE5166_09 Datasheet HTML 102Page - Analog Devices ADE5166_09 Datasheet HTML 103Page - Analog Devices ADE5166_09 Datasheet HTML 104Page - Analog Devices ADE5166_09 Datasheet HTML 105Page - Analog Devices ADE5166_09 Datasheet HTML 106Page - Analog Devices ADE5166_09 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 103 of 156
BLINK MODE
Blink mode is enabled by setting the BLINKEN bit (Bit 5) in the
LCD configuration SFR (LCDCON, Address 0x95). This mode
is used to alternate between the LCD on state and LCD off state
so that the LCD screen appears to blink. There are two blink
modes: a software controlled blink mode and an automatic
blink mode.
Software Controlled Blink Mode
The LCD blink rate can be controlled by user code by toggling
the BLKMOD bits (Bits[7:6]) in the LCD clock SFR (LCDCLK,
Address 0x96) to turn the display on and off at a rate that is
determined by the MCU code.
Automatic Blink Mode
There are five blink rates. These blink rates are selected by the
BLKMOD bits (Bits[7:6]) and the BLKFREQ bits (Bits[5:4]) in
the LCD clock SFR (LCDCLK, Address 0x96); see Table 95.
SCROLLING MODE
The ADE5166/ADE5169/ADE5566/ADE5569 can store up to
four screens in memory. The LCD driver can use any of these
screens by setting the SCREEN_SEL bits (Bits[3:2]) in the LCD
Configuration Y SFR (LCDCONY, Address 0xB1) and clearing
the refresh bit (Bit 0) in the same register. The software scrolling
of the screens can then be achieved by a one-command instruction.
Automatic Scrolling Mode
The ADE5166/ADE5169/ADE5566/ADE5569 provide automatic
scrolling between the screens using the five available blink rates.
Setting the AUTOSCREENSCROLL bit (Bit 7) in the LCD Con-
figuration Y SFR (LCDCONY, Address 0xB1), as well as the
BLINKEN bit (Bit 5) in the LCD configuration SFR (LCDCON,
Address 0x95) enables this mode. To allow the scrolling frequency
to be selected, the BLKMOD bits (Bits[7:6]) in the LCD clock
SFR (LCDCLK, Address 0x96) should both be set to 1. The scrol-
ling rates are then selected by the BLKFREQ bits (Bits[5:4]) in
the LCD clock SFR (LCDCLK, Address 0x96); see Table 95.
Automatic scrolling mode is available in all operating modes.
DISPLAY ELEMENT CONTROL
Four banks of 15 bytes of data memory located in the LCD module
control the on or off state of each segment of the LCD. The LCD
data memory is stored in Address 0 through Address 14 in the
LCD module, with two extra bits defining which one of the four
screens is being addressed.
Each byte configures the on and off states of two segment lines.
The LSBs store the state of the even numbered segment lines,
and the MSBs store the state of the odd numbered segment lines.
For example, LCD Data Address 0 refers to segment Line 1 and
Line 0 (see Table 102). Note that the LCD data memory is
maintained in the PSM2 operating mode.
The LCD data memory is accessed indirectly through the LCD
pointer SFR (LCDPTR, Address 0xAC) and LCD data SFR
(LCDDAT, Address 0xAE). Moving a value to the LCDPTR SFR
selects the LCD screen and data byte to be accessed and initiates
a read or write operation (see Table 99).
Table 102. LCD Data Memory Accessed Indirectly Through LCD Pointer SFR (LCDPTR, Address 0xAC) and LCD Data SFR
(LCDDAT, Address 0xAE)1, 2
LCD Pointer SFR (LCDPTR, Address 0xAC)
LCD Data SFR (LCDDAT, Address 0xAE)
LCD Memory Address
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0
0x0E
FP28
FP28
FP28
FP28
0x0D
FP27
FP27
FP27
FP27
N/A
N/A
N/A
N/A
0x0C
FP25
FP25
FP25
FP25
FP24
FP24
FP24
FP24
0x0B
FP23
FP23
FP23
FP23
FP22
FP22
FP22
FP22
0x0A
FP21
FP21
FP21
FP21
FP20
FP20
FP20
FP20
0x09
FP19
FP19
FP19
FP19
FP18
FP18
FP18
FP18
0x08
FP17
FP17
FP17
FP17
FP16
FP16
FP16
FP16
0x07
FP15
FP15
FP15
FP15
FP14
FP14
FP14
FP14
0x06
FP13
FP13
FP13
FP13
FP12
FP12
FP12
FP12
0x05
FP11
FP11
FP11
FP11
FP10
FP10
FP10
FP10
0x04
FP9
FP9
FP9
FP9
FP8
FP8
FP8
FP8
0x03
FP7
FP7
FP7
FP7
FP6
FP6
FP6
FP6
0x02
FP5
FP5
FP5
FP5
FP4
FP4
FP4
FP4
0x01
FP3
FP3
FP3
FP3
FP2
FP2
FP2
FP2
0x00
FP1
FP1
FP1
FP1
FP0
FP0
FP0
FP0
1 COMx designates the common lines.
2 FPx designates the segment lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com