Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5166 Datasheet(PDF) 146 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 146 Page - Analog Devices

Back Button ADE5166_09 Datasheet HTML 142Page - Analog Devices ADE5166_09 Datasheet HTML 143Page - Analog Devices ADE5166_09 Datasheet HTML 144Page - Analog Devices ADE5166_09 Datasheet HTML 145Page - Analog Devices ADE5166_09 Datasheet HTML 146Page - Analog Devices ADE5166_09 Datasheet HTML 147Page - Analog Devices ADE5166_09 Datasheet HTML 148Page - Analog Devices ADE5166_09 Datasheet HTML 149Page - Analog Devices ADE5166_09 Datasheet HTML 150Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 146 of 156
I2C RECEIVE AND TRANSMIT FIFOS
The I2C peripheral has a 4-byte receive FIFO and a 4-byte transmit
FIFO. The buffers reduce the overhead associated with using
the I2C peripheral. Figure 116 shows the operation of the I2C
receive and transmit FIFOs.
The Tx FIFO buffer can be loaded with four bytes to be transmitted
to the slave at the beginning of a write operation. When the trans-
mit FIFO is empty, the I2C transmit interrupt flag (I2CTxIRQ) is
set in the I2C interrupt status SFR (SPI2CSTAT, Address 0xEA[4]),
and the PC vectors to the I2C interrupt vector if this interrupt is
enabled. If a new byte is not loaded into the Tx FIFO before it is
needed in the transmit shift register, the communication stops.
An error, such as not receiving an acknowledgement, also causes
the communication to terminate. In case of an error during a
write operation, the Tx FIFO is flushed.
The Rx FIFO buffer allows four bytes to be read in from the slave
before the MCU has to read the data. A receive interrupt can be
gener-ated after each byte is received or when the Rx FIFO is
full. If the peripheral is reading from a slave address, the communi-
cation stops when the number of received bytes equals the number
set in the I2CRCT bits in the I2CMOD SFR (Address 0xE8[4:0]).
An error, such as not receiving an acknowledgement, also causes
the communication to terminate.
I2CTx
4-BYTE FIFO
MOV I2CTx, TxDATA1
MOV I2CTx, TxDATA2
MOV I2CTx, TxDATA3
MOV I2CTx, TxDATA4
CODE TO FILL Tx FIFO:
TRANSMIT SHIFT REGISTER
I2CRx
RECEIVE SHIFT REGISTER
4-BYTE FIFO
CODE TO READ Rx FIFO:
MOV A, I2CRx; RESULT: A = RxDATA1
MOV A, I2CRx; RESULT: A = RxDATA2
MOV A, I2CRx; RESULT: A = RxDATA3
MOV A, I2CRx; RESULT: A = RxDATA4
TxDATA1
TxDATA2
TxDATA3
TxDATA4
RxDATA4
RxDATA3
RxDATA2
RxDATA1
Figure 116. I2C FIFO Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com