Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7713 Datasheet(PDF) 103 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 103 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 159 page
background image
ST7713
Ver 1.6
2008-05
103
Table 10.2.4 Panel Function Command List (4)
Instruction Refer D/CX WRXRDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
(Hex) Function
0
↑
1
-
1
1
1
0
0
0
0
0
(E0h) Set Gamma correction
1
↑
1
-
-
-
-
-
RFP3
RFP2
RFP1
RFP0
1
↑
1
-
-
-
-
PKP04 PKP03 PKP02 PKP01 PKP00
1
↑
1
-
-
-
-
PKP14 PKP13 PKP12 PKP11 PKP10
1
↑
1
-
-
-
-
PKP24 PKP23 PKP22 PKP21 PKP20
1
↑
1
-
-
-
-
PKP34 PKP33 PKP32 PKP31 PKP30
1
↑
1
-
-
-
-
PKP44 PKP43 PKP42 PKP41 PKP40
1
↑
1
-
-
-
-
-
PKP53 PKP52 PKP51 PKP50
1
↑
1
-
-
-
-
-
PKP63 PKP62 PKP61 PKP60
1
↑
1
-
-
-
-
-
PKP73 PKP72 PKP71 PKP70
1
↑
1
-
-
-
-
-
PKP83 PKP82 PKP81 PKP80
1
↑
1
-
-
-
-
RFP14 RFP13 RFP12 RFP11 RFP10
1
↑
1
-
-
-
OSP14 OSP13 OSP12 OSP11 OSP10
GAMCTRP1 10.2.21
1
↑
1
-
-
-
-
-
OSP3
OSP2
OSP1
OSP0
Gamma adjustment (+ polarity)
0
↑
1
-
1
1
1
0
0
0
0
0
(E1h) Set Gamma correction
1
↑
1
-
-
-
-
-
RFN3
RFN2
RFN1
RFN0
1
↑
1
-
-
-
-
PKN04 PKN03 PKN02 PKN01 PKN00
1
↑
1
-
-
-
-
PKN14 PKN13 PKN12 PKN11 PKN10
1
↑
1
-
-
-
-
PKN24 PKN23 PKN22 PKN21 PKN20
1
↑
1
-
-
-
-
PKN34 PKN33 PKN32 PKN31 PKN30
1
↑
1
-
-
-
-
PKN44 PKN43 PKN42 PKN41 PKN40
1
↑
1
-
-
-
-
-
PKN53 PKN52 PKN51 PKN50
1
↑
1
-
-
-
-
-
PKN63 PKN62 PKN61 PKN60
1
↑
1
-
-
-
-
-
PKN73 PKN72 PKN71 PKN70
1
↑
1
-
-
-
-
-
PKN83 PKN82 PKN81 PKN80
1
↑
1
-
-
-
-
RFN14 RFN13 RFN12 RFN11 RFN10
1
↑
1
-
-
-
-
OSN14 OSN13 OSN12 OSN11 OSN10
GAMCTRN1 10.2.22
1
↑
1
-
-
-
-
-
OSN3
OSN2
OSN1
OSN0
Gamma adjustment (- polarity)
“-“: Don’t care
Note 1: E0-E1 registers are fixed for about Gamma adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com