Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7713 Datasheet(PDF) 117 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 117 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
ST7713
Ver 1.6
2008-05
117
10.1.22 RAMWR (2Ch): Memory Write
2CH
RAMWR (Memory Write)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RAMWR
0
↑
1
-
0
0
1
0
1
1
0
0
(2Ch)
1st Parameter
1
↑
1
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
∣
1
↑
1
∣
∣
∣
∣
∣
∣
∣
∣
∣
∣
Nth Parameter
1
↑
1
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-When this command is accepted, the column register and the row register are reset to the Start
Column/Start Row positions.
-The Start Column/Start Row positions are different in accordance with MADCTL setting. (See section 9.12)
-Sending any other command can stop Frame Write.
In all color modes, there is no restriction on length of parameters.
-1. 132x132 memory base
132x132x18-bit memory can be written on this command.
Memory range: (0000h,0000h) -> (0083h,0083h)
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com