Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12421CFP-E3 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HY5PS12421CFP-E3
Description  512Mb DDR2 SDRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421CFP-E3 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HY5PS12421CFP-E3 Datasheet HTML 8Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 9Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 14Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 15Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Rev. 0.8 / Oct. 2007
12
1HY5PS12421C(L)FP
1HY5PS12821C(L)FP
1HY5PS121621C(L)FP
3.2 DC & AC Logic Input Levels
3.2.1 Input DC Logic Level
3.2.2 Input AC Logic Level
3.2.3 AC Input Test Conditions
Note:
1. Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device
under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising
edges and the range from VREF to VIL(ac) max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions
and VIH(ac) to VIL(ac) on the negative transitions.
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(dc)
dc input logic high
VREF + 0.125
VDDQ + 0.3
V
VIL(dc)
dc input logic low
- 0.3
VREF - 0.125
V
Symbol
Parameter
DDR2 400,533
DDR2 667,800
Units
Notes
Min.
Max.
Min.
Max.
VIH (ac)
ac input logic high
VREF +
0.250
-
VREF +
0.200
-V
VIL (ac)
ac input logic low
-
VREF - 0.250
-
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VREF
VSWING(MAX)
delta TR
delta TF
VIH(dc) min
VIL(dc) max
VIL(ac) max
VSS
Rising Slew =
delta TR
VIH(ac) min - VREF
VREF - VIL(ac) max
delta TF
Falling Slew =
< Figure : AC Input Test Signal Waveform>


Similar Part No. - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com