Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12421CFP-E3 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # HY5PS12421CFP-E3
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421CFP-E3 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button HY5PS12421CFP-E3 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 14Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 15Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 16Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 17Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Rev. 0.8 / Oct. 2007
14
1HY5PS12421C(L)FP
1HY5PS12821C(L)FP
1HY5PS121621C(L)FP
3.3 Output Buffer Characteristics
3.3.1 Output AC Test Conditions
3.3.2 Output DC Current Drive
Symbol
Parameter
SSTL_18 Class II
Units
Notes
VOTR
Output Timing Measurement Reference Level
0.5 * VDDQ
V1
1. The VDDQ of the device under test is referenced.
Symbol
Parameter
SSTl_18
Units
Notes
IOH(dc)
Output Minimum Source DC Current
- 13.4
mA
1, 3, 4
IOL(dc)
Output Minimum Sink DC Current
13.4
mA
2, 3, 4
1. VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT - VDDQ)/IOH must be less than 21 ohm for values of VOUT between VDDQ
and VDDQ - 280 mV.
2. VDDQ = 1.7 V; VOUT = 280 mV. VOUT/IOL must be less than 21 ohm for values of VOUT between 0 V and 280
mV.
3. The dc value of VREF applied to the receiving device is set to VTT
4. The values of IOH(dc) and IOL(dc) are based on the conditions given in Notes 1 and 2. They are used to test
device drive current capability to ensure VIH min plus a noise margin and VIL max minus a noise margin are
delivered to an SSTL_18 receiver. The actual current values are derived by shifting the desired driver operating
point (see Section 3.3) along a 21 ohm load line to define a convenient driver current for measurement.


Similar Part No. - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com