Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12421CFP-E3 Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # HY5PS12421CFP-E3
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421CFP-E3 Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button HY5PS12421CFP-E3 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 14Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 15Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 16Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 17Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 18Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Rev. 0.8 / Oct. 2007
15
1HY5PS12421C(L)FP
1HY5PS12821C(L)FP
1HY5PS121621C(L)FP
3.3.3 OCD default characteristics
Description
Parameter
Min
Nom
Max
Unit
Notes
Output impedance
See full strength default
driver characteristics
ohms
1
Output impedance step size for OCD calibration
0
1.5
ohms
6
Pull-up and pull-down mismatch
0
4
ohms
1,2,3
Output slew rate
Sout
1.5
-
5
V/ns
1,4,5,6,7,8
Note
1. Absolute Specifications ( Toper; VDD = +1.8V ±0.1V, VDDQ = +1.8V ±0.1V). DRAM I/O specifications for
timing,voltage, and
slew rate are no longer applicable if OCD is changed from default settings. Please refer to the Device Operation &
Timing Diagram
of DDR2 for the Full Strength Default Driver Characteristics.
2. Impedance measurement condition for output source dc current: VDDQ=1.7V; VOUT=1420mV; (VOUT-VDDQ)/Ioh
must be less than 23.4 ohms for values of VOUT between VDDQ and VDDQ-280mV. Impedance measurement
condition for output sink
dc current: VDDQ = 1.7V; VOUT = 280mV; VOUT/Iol must be less than 23.4 ohms for values of VOUT between 0V
and 280mV.
3. Mismatch is absolute value between pull-up and pull-dn, both are measured at same temperature and voltage.
4. Slew rate measured from vil(ac) to vih(ac).
5. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate as
measured from AC to AC. This is guaranteed by design and characterization.
6. This represents the step size when the OCD is near 18 ohms at nominal conditions across all process corners/
variations and represents only the DRAM uncertainty. A 0 ohm value(no calibration) can only be achieved if the
OCD impedance is 18 ohms +/- 0.75 ohms under nominal conditions.
Output Slew rate load:
7. DRAM output slew rate specification applies to 400 , 533 and 667 MT/s speed bins.
8. Timing skew due to DRAM output slew rate mis-match between DQS / DQS and associated DQs is included in
tDQSQ and tQHS specification.
VTT
25 ohms
Output
(Vout)
Reference
point


Similar Part No. - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com