Electronic Components Datasheet Search |
|
HY5PS12421CFP-E3 Datasheet(PDF) 17 Page - Hynix Semiconductor |
|
HY5PS12421CFP-E3 Datasheet(HTML) 17 Page - Hynix Semiconductor |
17 / 38 page Rev. 0.8 / Oct. 2007 17 1HY5PS12421C(L)FP 1HY5PS12821C(L)FP 1HY5PS121621C(L)FP IDD Test Conditions (IDD values are for full operating range of Voltage and Temperature, Notes 1-5) Symbol Conditions Units IDD0 Operating one bank active-precharge current; tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRAS min(IDD) ; CKE is HIGH, CS is HIGH between valid commands;Address bus inputs are SWITCHING;Data bus inputs are SWITCHING mA IDD1 Operating one bank active-read-precharge current ; IOUT = 0mA;BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin(IDD), tRCD = tRCD(IDD) ; CKE is HIGH, CS is HIGH between valid commands ; Address bus inputs are SWITCHING ; Data pattern is same as IDD4W mA IDD2P Precharge power-down current ; All banks idle ; tCK = tCK(IDD) ; CKE is LOW ; Other control and address bus inputs are STABLE; Data bus inputs are FLOATING mA IDD2Q Precharge quiet standby current ; All banks idle; tCK = tCK(IDD);CKE is HIGH, CS is HIGH; Other control and address bus inputs are STABLE; Data bus inputs are FLOATING mA IDD2N Precharge standby current; All banks idle; tCK = tCK(IDD); CKE is HIGH, CS is HIGH; Other control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING mA IDD3P Active power-down current; All banks open; tCK = tCK(IDD); CKE is LOW; Other control and address bus inputs are STABLE; Data bus inputs are FLOATING Fast PDN Exit MRS(12) = 0 mA Slow PDN Exit MRS(12) = 1 mA IDD3N Active standby current; All banks open; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP =tRP(IDD); CKE is HIGH, CS is HIGH between valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are SWITCHING mA IDD4W Operating burst write current; All banks open, Continuous burst writes; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between valid commands; Address bus inputs are SWITCHING; Data bus inputs are SWITCHING mA IDD4R Operating burst read current; All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL = 0; tCK = tCK(IDD), tRAS = tRASmax(IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between valid commands; Address bus inputs are SWITCHING;; Data pattern is same as IDD4W mA IDD5B Burst refresh current; tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval; CKE is HIGH, CS is HIGH between valid commands; Other control and address bus inputs are SWITCH- ING; Data bus inputs are SWITCHING mA IDD6 Self refresh current; CK and CK at 0V; CKE £ 0.2V; Other control and address bus inputs are FLOATING; Data bus inputs are FLOATING mA |
Similar Part No. - HY5PS12421CFP-E3 |
|
Similar Description - HY5PS12421CFP-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |