Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12421CFP-E3 Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # HY5PS12421CFP-E3
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421CFP-E3 Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button HY5PS12421CFP-E3 Datasheet HTML 23Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 24Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 25Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 26Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 27Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 28Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 29Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 30Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Rev. 0.8 / Oct. 2007
27
1HY5PS12421C(L)FP
1HY5PS12821C(L)FP
1HY5PS121621C(L)FP
Specific Notes for dedicated AC parameters
1. User can choose which active power down exit timing to use via MRS(bit 12). tXARD is expected to be used for fast
active power down exit timing. tXARDS is expected to be used for slow active power down exit timing where a lower
power value is defined by each vendor data sheet.
2. AL = Additive Latency
3. This is a minimum requirement. Minimum read to precharge timing is AL + BL/2 providing the tRTP and tRAS(min)
have been satisfied.
4. A minimum of two clocks (2 * tCK) is required irrespective of operating frequency
5. Timings are guaranteed with command/address input slew rate of 1.0 V/ns. See System Derating for other slew rate
values.
6. Timings are guaranteed with data, mask, and (DQS/RDQS in singled ended mode) input slew rate of 1.0 V/ns.
See System Derating for other slew rate values.
7. Timings are guaranteed with CK/CK differential slew rate of 2.0 V/ns. Timings are guaranteed for DQS signals with a
differen tial slew rate of 2.0 V/ns in differential strobe mode and a slew rate of 1V/ns in single ended mode. See System
Derating for other slew rate values.
8. tDS and tDH derating table (for DDR2- 400 / 533)
1) For all input signals the total tDS(setup time) and tDH(hold time) required is calculated by adding the datasheet value
to the derating value listed in above Table.
Setup(tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and the
first crossing of Vih(ac)min. Setup(tDS) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of VREF(dc) and the first crossing of Vil(ac)max. If the actual signal is always earlier than the nominal slew rate
line between shaded ‘ VREF(dc) to ac region’, use nominal slew rate for derating value(see Fig a.) If the actual signal is
later than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to
the actual signal from the ac level to dc level is used for derating value(see Fig b.)
Hold(tDH) nominal slew rate for a rising signal is defined as the slew rate rate between the last crossing of Vil(dc) max and
the first crossing of VREF(dc). Hold (tDH) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of Vih(dc) min and the first crossing of VREF(dc). If the actual signal is earlier than the nominal slew rate line
anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent line to the actual signal from the dc level to
VREF(dc) level is used for derating value(see Fig d.)
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
△ tD
S
△ tD
H
2.0
125
45
125
45
+125 +45
-
-
-
-
-
-
-
-
-
-
-
-
1.5
83
21
83
21
+83
+21
95
33
--
--
--
--
--
1.0
0
0
0
0
0
0
12
12
24
24
--
--
--
--
0.9
-
-
-11
-14
-11
-14
1
-2
13102522
-
-
-
-
-
-
0.8
-
-
-
-
-25
-31
-13
-19
-1
-7
11
5
23
17
-
-
-
-
0.7
--
--
--
-31
-42
-42
-19
-7
-8
5
-6
17
6
--
0.6
--
--
--
--
-43
-59
-31
-47
-19
-35
-7
-23
5
-11
0.5
--
--
--
--
--
-74
-89
-62
-77
-50
-65
-38
-53
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-127 -140 -115 -128 -103 -116
tDS, tDH Derating Values(ALL units in 'ps', Note 1 applies to entire Table)
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
4.0 V/ns
3.0 V/ns
0.8 V/ns
DQ
Slew
rate
V/ns
DQS, DQS Differential Slew Rate
2.0 V/ns
1.8 V/ns


Similar Part No. - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com