Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12421CFP-E3 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HY5PS12421CFP-E3
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421CFP-E3 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HY5PS12421CFP-E3 Datasheet HTML 29Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 30Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 31Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 32Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 33Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 34Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 35Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 36Page - Hynix Semiconductor HY5PS12421CFP-E3 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Rev. 0.8 / Oct. 2007
33
1HY5PS12421C(L)FP
1HY5PS12821C(L)FP
1HY5PS121621C(L)FP
9. tIS and tIH (input setup and hold) derating
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Units Notes
4.0
+187
+94
+217
+124
+247
+124
ps
1
3.5
+179
+89
+209
+119
+239
+149
ps
1
3.0
+167
+83
+197
+113
+227
+143
ps
1
2.5
+150
+75
+180
+105
+210
+135
ps
1
2.0
+125
+45
+155
+75
+185
+105
ps
1
1.5
+83
+21
+113
+51
+143
+81
ps
1
1.0
+0
0
+30
+30
+60
60
ps
1
0.9
-11
-14
+19
+16
+49
+46
ps
1
0.8
-25
-31
+5
-1
+35
+29
ps
1
0.7
-43
-54
-37
-53
-7
+6
ps
1
0.6
-67
-83
-37
-53
-7
-23
ps
1
0.5
-100
-125
-80
-95
-50
-65
ps
1
0.4
-150
-188
-145
-158
-115
-128
ps
1
0.3
-223
-292
-255
-262
-225
-232
ps
1
0.25
-250
-375
-320
-345
-290
-315
ps
1
0.2
-500
-500
-495
-470
-465
-440
ps
1
0.15
-750
-708
-770
-678
-740
-648
ps
1
0.1
-1250
-1125
-1420
-1095
-1065
TBD
ps
1
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Units Notes
4.0
+150
+94
+180
+124
+210
+154
ps
1
3.5
+143
+89
+173
+119
+203
+149
ps
1
3.0
+133
+83
+163
+113
+193
+143
ps
1
2.5
+120
+75
+150
+105
+180
+135
ps
1
2.0
+100
+45
+130
+75
+160
+105
ps
1
1.5
+67
+21
+97
+51
+127
+81
ps
1
1.0
0
0
+30
+30
+60
60
ps
1
0.9
-5
-14
+25
+16
+55
+46
ps
1
0.8
-13
-31
+17
-1
+47
+29
ps
1
0.7
-22
-54
+8
-24
+38
+6
ps
1
0.6
-34
-83
-4
-53
-26
-23
ps
1
0.5
-60
-125
-30
-95
0
-65
ps
1
0.4
-100
-188
-70
-158
-40
-128
ps
1
0.3
-168
-292
-138
-262
-108
-232
ps
1
0.25
-200
-375
-170
-345
-140
-315
ps
1
0.2
-325
-500
-295
-470
-265
-440
ps
1
0.15
-517
-708
-487
-678
-457
-648
ps
1
0.1
-1000
-1125
-970
-1095
-940
-1065
ps
1
tIS, tIH Derating Values for DDR2 400, DDR2 533
Command /
Address Slew
rate(V/ns)
2.0 V/ns
CK, CK Differential Slew Rate
1.5 V/ns
1.0 V/ns
Command /
Address Slew
rate(V/ns)
tIS, tIH Derating Values for DDR2 667, DDR2 800
CK, CK Differential Slew Rate
2.0 V/ns
1.5 V/ns
1.0 V/ns


Similar Part No. - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421CFP-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com