Electronic Components Datasheet Search |
|
HY5PS12421CFP-E3 Datasheet(PDF) 35 Page - Hynix Semiconductor |
|
HY5PS12421CFP-E3 Datasheet(HTML) 35 Page - Hynix Semiconductor |
35 / 38 page Rev. 0.8 / Oct. 2007 35 1HY5PS12421C(L)FP 1HY5PS12821C(L)FP 1HY5PS121621C(L)FP 17. ODT turn off time min is when the device starts to turn off ODT resistance. ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD. 18. tHZ and tLZ transitions occur in the same access time as valid data transitions. Thesed parameters are referenced to a specific voltage level which specifies when the device output is no longer driving(tHZ), or begins driving (tLZ). Below figure shows a method to calculate the point when device is no longer driving (tHZ), or begins driving (tLZ) by measuring the signal at two different voltages. The actual voltage measurement points are not critical as long as the calculation is consistenet. 19. tRPST end point and tRPRE begin point are not referenced to a specific voltage level but specify when the device output is no longer driving (tRPST), or begins driving (tRPRE). Below figure shows a method to calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE). Below Figure shows a method to calculate these points when the device is no longer driving (tRPST), or begins driving (tRPRE) by measuring the signal at two different voltages. The actual voltage measurement points are not critical as long as the calculation is consistent. 20. Input waveform timing with differential data strobe enabled MR[bit10] =0, is referenced from the input signal crossing at the VIH(ac) level to the differential data strobe crosspoint for a rising signal, and from the input signal crossing at the VIL(ac) level to the differential data strobe crosspoint for a falling signal applied to the device under test. 21. Input waveform timing with differential data strobe enabled MR[bit10]=0, is referenced from the input signal crossing at the VIH(dc) level to the differential data strobe crosspoint for a rising signal and VIL(dc) to the differential data strobe crosspoint for a falling signal applied to the device under test. 22. Input waveform timing is referenced from the input signal crossing at the VIH(ac) level for a rising signal and VIL(ac) for a falling signal applied to the device under test. 23. Input waveform timing is referenced from the input signal crossing at the VIL(dc) level for a rising signal and VIH(dc) for a falling signal applied to the device under test. tHZ , tRPST end point = 2*T1-T2 tLZ , tRPRE begin point = 2*T1-T2 VOH + xmV VOH + 2xmV VOL + 1xmV VOL + 2xmV tHZ tRPST end point VTT + 2xmV VTT + xmV VTT -xmV VTT - 2xmV tHZ tRPRE begin point DQS VDDQ VIH(ac)min VIH(dc)min tDH tDS DQS VREF(dc) VSS VIL(dc)max VIL(ac)max tDH tDS Differential Input waveform timing |
Similar Part No. - HY5PS12421CFP-E3 |
|
Similar Description - HY5PS12421CFP-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |