Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426EFS Datasheet(PDF) 10 Page - Rohm

Part # BD5426EFS
Description  10W10W Class-D Speaker Amplifier for Analog Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426EFS Datasheet(HTML) 10 Page - Rohm

Back Button BD5426EFS Datasheet HTML 6Page - Rohm BD5426EFS Datasheet HTML 7Page - Rohm BD5426EFS Datasheet HTML 8Page - Rohm BD5426EFS Datasheet HTML 9Page - Rohm BD5426EFS Datasheet HTML 10Page - Rohm BD5426EFS Datasheet HTML 11Page - Rohm BD5426EFS Datasheet HTML 12Page - Rohm BD5426EFS Datasheet HTML 13Page - Rohm BD5426EFS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Note
10/16
BD5426EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Explanation of Pin Functions - Continued
No.
Symbol
Pin voltage
Pin description
Internal equalizing circuit
20
MUTEX
-
Audio mute control pin
H: Mute off
L: Mute on
40
43
20
120 k
21, 22
N.C.
-
N.C. pin
Nothing is connected with IC internal circuit.
23
OSC
-
Sampling clock signal input/output pin
When using two or more sampling clocks,
connect via a capacitor.
40
43
23
24
MS
-
Master/Slave switching pin
Switching of master/slave functions on a
sampling clock signal.
H: Slave operation
L: Master operation
40
43
24
120k
25
ROSC
5.6V
Internal PWM sampling clock frequency
setting pin
Usually the pin is used open.
To adjust an internal sampling clock
frequency, connect a resister.
40
43
25


Similar Part No. - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com