Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426EFS Datasheet(PDF) 13 Page - Rohm

Part # BD5426EFS
Description  10W10W Class-D Speaker Amplifier for Analog Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426EFS Datasheet(HTML) 13 Page - Rohm

Back Button BD5426EFS Datasheet HTML 9Page - Rohm BD5426EFS Datasheet HTML 10Page - Rohm BD5426EFS Datasheet HTML 11Page - Rohm BD5426EFS Datasheet HTML 12Page - Rohm BD5426EFS Datasheet HTML 13Page - Rohm BD5426EFS Datasheet HTML 14Page - Rohm BD5426EFS Datasheet HTML 15Page - Rohm BD5426EFS Datasheet HTML 16Page - Rohm BD5426EFS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Technical Note
13/16
BD5426EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Application Circuit Diagram (under stereo operation)
・Vcc=10V~16.5V
GNDA
V CCA
GND A
DRI V ER
1P
DRI V ER
1N
DRI V ER
2P
DRI V ER
2N
C6
C17
C9
C13
C8
C10
C39
C28
C35
C31
C38
C32
R3
R4
C5
C42
C40
C43
C37
C29
C7
C15
GNDD
C41
GNDA
10μF
0.1μF
1μF
10μF
0.68μF
10μF
0.1μF0.1μF
0.15μF0.15μF
0.68μF
0.68μF
0.68μF
0.15μF
0.1μF
0.15μF
0.68μF
10μF
0.1μF
0.68μF
22k Ω
22k Ω
0.1μF
Fig. 25 Circuit Diagram of Stereo Operation with 6
Ω Load


Similar Part No. - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com