Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426EFS Datasheet(PDF) 14 Page - Rohm

Part # BD5426EFS
Description  10W10W Class-D Speaker Amplifier for Analog Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426EFS Datasheet(HTML) 14 Page - Rohm

Back Button BD5426EFS Datasheet HTML 9Page - Rohm BD5426EFS Datasheet HTML 10Page - Rohm BD5426EFS Datasheet HTML 11Page - Rohm BD5426EFS Datasheet HTML 12Page - Rohm BD5426EFS Datasheet HTML 13Page - Rohm BD5426EFS Datasheet HTML 14Page - Rohm BD5426EFS Datasheet HTML 15Page - Rohm BD5426EFS Datasheet HTML 16Page - Rohm BD5426EFS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Technical Note
14/16
BD5426EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Table 1
BOM List of Stereo Operation with 6
Ω Load
No.
Item
Part Number
Vendor
Configuration
Value
Rated
voltage
Tolerance
Temperature
characteristics
Quantity
Reference
mm
inch
1
IC
BD5426EFS
ROHM
HTSSOP-A44
-
-
-
-
1
IC1
2
C
GRM219B31E684KA88D
MURATA
2012
0805
0.68µF
25V
±10%
±10%
4
C6, C17, C28, C39
3
C
GRM188R11H104KA93
MURATA
1608
0603
0.1µF
50V
±10%
±10%
5
C7, C15, C29, C37, C40
4
C
GRM31MB11H154KA01B
MURATA
3216
1206
0.15µF
50V
±10%
±10%
4
C9, C13, C31, C35
5
C
25ST225M3216
Rubycon
3225
1210
2.2µF
25V
±20%
±5%
2
C1, C44
6
C
50ST684M3225
Rubycon
3225
1210
0.68µF
50V
±20%
±5%
2
C10, C32
7
C
GRM21BB31E335KA75
MURATA
2012
0805
3.3µF
25V
±10%
±10%
1
C27
8
C
GRM188B11E104KA
MURATA
1608
0603
0.1µF
25V
±10%
±10%
3
C5, C23, C26
9
C
GRM21BB11C105KA
MURATA
2012
0805
1µF
16V
±10%
±10%
1
C41
10
C
GRM21BB31C106KE15
MURATA
2012
0805
10µF
16V
±10%
±10%
1
C42
11
C
25SVPD10M
SANYO
6666
2626
10µF
25V
±20%
±25%
3
C8, C38, C43
12
R
MCR01MZPF2202
ROHM
1005
0402
22k
50V
±1%
±200ppm/℃
3
R2, R3, R4
13
R
MCR01MZPF1003
ROHM
1005
0402
100k
50V
±1%
±200ppm/℃
2
R18, R19
No.
Item
Part Number
Vendor
Configuration
Value
Tolerance
DC
Resistance
Rated
DC Current
Quantity
Reference
mm
14
L
7G09B-220M
SAGAMI
10×9×10
22µH×2
±20%
44m
Ωmax.
4.1A max.
2
L9, L13, L31, L35


Similar Part No. - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com