Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5426EFS Datasheet(PDF) 15 Page - Rohm

Part # BD5426EFS
Description  10W10W Class-D Speaker Amplifier for Analog Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5426EFS Datasheet(HTML) 15 Page - Rohm

Back Button BD5426EFS Datasheet HTML 9Page - Rohm BD5426EFS Datasheet HTML 10Page - Rohm BD5426EFS Datasheet HTML 11Page - Rohm BD5426EFS Datasheet HTML 12Page - Rohm BD5426EFS Datasheet HTML 13Page - Rohm BD5426EFS Datasheet HTML 14Page - Rohm BD5426EFS Datasheet HTML 15Page - Rohm BD5426EFS Datasheet HTML 16Page - Rohm BD5426EFS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Technical Note
15/16
BD5426EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Notes on Usage
1. About absolute maximum ratings
If an applied voltage or an operating temperature exceeds an absolute maximum rating, it may cause destruction of a
device. A result of destruction, whether it is short mode or open mode, is not predictable. Therefore, provide a physical
safety measure such as fuse, against a special mode that may violate conditions of absolute maximum ratings.
2. About power supply line
As return of current regenerated by back EMF of output coil happens, take steps such as putting capacitor between
power supply and GND as a electric pathway for the regenerated current. Be sure that there is no problem with each
property such as emptied capacity at lower temperature regarding electrolytic capacitor to decide capacity value. If the
connected power supply does not have sufficient current absorption capacity, regenerative current will cause the voltage
on the power supply line to rise, which combined with the product and its peripheral circuitry may exceed the absolute
maximum ratings. It is recommended to implement a physical safety measure such as the insertion of a voltage clamp
diode between the power supply and GND pins.
3. Potential of GND (11, 12, 33, 34, and 43 pins)
Potential of the GND terminal must be the lowest under any operating conditions.
4. About thermal design
Perform thermal design with sufficient margins, in consideration of maximum power dissipation Pd under actual operating
conditions. This product has an exposed frame on the back of the package, and it is assumed that the frame is used with
measures to improve efficiency of heat dissipation. In addition to front surface of board, provide a heat dissipation pattern
as widely as possible on the back also.
A class-D power amplifier has heat dissipation efficiency far higher than that of conventional analog power amplifier and
generates less heat. However, extra attention must be paid in thermal design so that a power dissipation Pdiss should
not exceed the maximum power dissipation Pd.
Maximum power dissipation

W
θ
Ta
-
T
Pd
a
j
jmax
Tjmax: Maximum temperature junction = 150[℃]
Ta: Operating ambient temperature [℃]
θja: Package thermal resistance [℃/W]
Po: Output power [W]
η: Efficiency
Power dissipation

W
1
-
η
1
P
P
O
diss
5. About operations in strong electric field
Note that the device may malfunction in a strong electric field.
6. Thermal shutdown (TSD) circuit
This product is provided with a built-in thermal shutdown circuit. When the thermal shutdown circuit operates, the output
transistors are placed under open status. The thermal shutdown circuit is primarily intended to shut down the IC avoiding
thermal runaway under abnormal conditions with a chip temperature exceeding Tjmax = 150℃, and is not intended to
protect and secure an electrical appliance. Accordingly, do not use this circuit function to protect a customer's electrical
appliance.
7. About shorting between pins and installation failure
Be careful about direction and displacement of an LSI when installing it onto the board. Faulty installation may destroy
the LSI when the device is energized. In addition, a foreign matter getting inbetween LSI pins, pins and power supply,
and pins and GND may cause shorting and destruction of the LSI.
8. About power supply startup and shutdown
When starting up a power supply, be sure to place the MUTEX pin (pin 20) at “L” level. When shutting down a power
supply also, be sure to place the pin at “L” level. Those processes reduce pop noises generated upon turning on and off
the power supply. In addition, all power supply pins must be started up and shut down at the same time.
9. About WARNING output pin (pin 18) and ERROR output pin (pin 19)
A WARNING flag is output from the WARNING output pin upon operation of the high-temperature protection function and
under-voltage protection function. And an ERROR flag is output from the ERROR output pin upon operation of VCC/GND
shorting protection function and speaker DC voltage applying protection function. These flags are the function which the
condition of this product is shown in. The use which aimed at the protection except for this product is prohibition.
10. About N.C. pins (pins 21 and 22)
The N.C. (Non connection) pins are not connected with an internal circuit. Leave the pins open or connect them to GND.


Similar Part No. - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5426EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5426MUV ROHM-BD5426MUV Datasheet
342Kb / 16P
   10W10W Class-D Speaker Amplifier for Analog Input
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com