Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5427EFS Datasheet(PDF) 6 Page - Rohm

Part # BD5427EFS
Description  7W7W Class-D Speaker Amplifier for Analog Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5427EFS Datasheet(HTML) 6 Page - Rohm

Back Button BD5427EFS Datasheet HTML 2Page - Rohm BD5427EFS Datasheet HTML 3Page - Rohm BD5427EFS Datasheet HTML 4Page - Rohm BD5427EFS Datasheet HTML 5Page - Rohm BD5427EFS Datasheet HTML 6Page - Rohm BD5427EFS Datasheet HTML 7Page - Rohm BD5427EFS Datasheet HTML 8Page - Rohm BD5427EFS Datasheet HTML 9Page - Rohm BD5427EFS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
BD5427EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
5
10
15
20
25
8
1012
141618
VCC (V)
RL=6Ω
fin=1kHz
THD=10%
●Electrical characteristic curves (Reference data)
(2) Under Stereo Operation(RL=6Ω)
.
Fig. 17 Output power - Power supply voltage
Fig. 18 Efficiency - Output power
Fig. 19 Efficiency - Output power
Fig. 20 Efficiency - Output power
Fig. 21 Current consumption - Output power
Dotted lines of the graphs indicate continuous output power to be obtained on musical signal source or by installing
additional heat sinks.
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=10V
RL=6Ω
fin=1kHz
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=12V
RL=6Ω
fin=1kHz
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
OUTPUT POWER (W/ch)
Vcc=16.5V
RL=6Ω
fin=1kHz
0
1
2
3
4
0
5
10
15
20
25
30
35
40
TOTAL OUTPUT POWER (W)
Vcc=10V
Vcc=12V
Vcc=16.5V
RL=6Ω
fin=1kHz


Similar Part No. - BD5427EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS-E2 ROHM-BD5427EFS-E2 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5427EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427MUV ROHM-BD5427MUV Datasheet
369Kb / 16P
   7W7W Class-D Speaker Amplifier for Analog Input
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
   Mono 7W Class D Amplifier
Rev 0; 10/08
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com