| Electronic Components Datasheet Search |
|
X88C64 Datasheet(PDF) 4 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X88C64 Datasheet(HTML) 4 Page - Xicor Inc. |
|
4 / 3 page ![]() X88C64 4 Data Memory Mode This mode of operation allows both read and write functions. The PSEN input is tied to VIH or to VCC through a pull-up resistor. The ALE, RD, and WR inputs are tied directly to the microcontroller’s ALE, RD, and WR outputs. Read This operation is quite similar to the Program Memory read. A HIGH to LOW transition on ALE latches the addresses and the data will be output on the AD pins after RD goes LOW (tRLDV). Write A write is performed by latching the addresses on the falling edge of ALE. Then WR is strobed LOW followed by valid data being presented at the A/D0–A/D7 pins. The data will be latched into the X88C64 on the rising edge of WR. To write to the X88C64, a three-byte command sequence must precede the byte(s) being written. (See Software Data Protection.) MODE SELECTION CE PSEN RD WR Mode I/O Power VCC X X X Standby High Z Standby (CMOS) HIGH X X X Standby High Z Standby (TTL) LOW LOW HIGH HIGH Program Fetch DOUT Active LOW HIGH LOW HIGH Data Read DOUT Active LOW HIGH HIGH Write DIN Active 3867 PGM T02.2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |