Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88C64PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 8 Page - Xicor Inc.

  X88C64PI Datasheet HTML 1Page - Xicor Inc. X88C64PI Datasheet HTML 2Page - Xicor Inc. X88C64PI Datasheet HTML 3Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 3 page
background image
X88C64
8
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS .................................. –1V to +7V
D.C. Output Current ............................................ 5 mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
60
mA
CE = RD = VIL, All I/O’s =
Open,Other Inputs = VCC
ISB1(CMOS)
VCC Current (Standby)
500
µA
CE = VCC – 0.3V, All I/O’s =
Open,Other Inputs = VCC –
0.3V, ALE = VIL
ISB2(TTL)
VCC Current (Standby)
6
mA
CE = VIH, All I/O’s = Open, Other
Inputs = VIH, ALE = VIL
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC,
RD = VIH = PSEN
VlL(3)
Input LOW Voltage
–1
0.8
V
VIH(3)
Input HIGH Voltage
2
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1 mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400
µA
3867 PGM T05.2
Notes: (3) VIL min. and VIH max. are for reference only and are not tested.
(4) This parameter is periodically sampled and not 100% tested.
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(4)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(4)
Input Capacitance
6
pF
VIN = 0V
3867 PGM T06
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(4)
Power-Up to Read
1
ms
tPUW(4)
Power-Up to Write
5
ms
3867 PGM T07
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3867 PGM T03.1
Supply Voltage
Limits
X88C64
5V
±10%
3867 PGM T04.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com