Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88C64PI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X88C64PI
Description  E2 Micro-Peripheral
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64PI Datasheet(HTML) 10 Page - Xicor Inc.

  X88C64PI Datasheet HTML 1Page - Xicor Inc. X88C64PI Datasheet HTML 2Page - Xicor Inc. X88C64PI Datasheet HTML 3Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 3 page
background image
X88C64
10
RD Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tRLDV
RD Read Access Time
120
ns
tRHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWRL
RD Pulse Width
150
ns
tRDS
RD Setup Time
30
ns
tRDH
RD Hold Time
20
ns
tRHDZ (6)
RD Disable to Output in High Z
50
ns
tRLDX (6)
RD to Output in Low Z
0
ns
3867 PGM T10
RD Controlled Read Timing Diagram
Note:
(6) This parameter is periodically sampled and not 100% tested.
3867 FHD F06
ALE
A/D0–A/D7
A8–A12
RD
AIN
tRLDV
DOUT
tRDH
tRDH
tLHLL
tAVLL
tLLAX
tRDS
PWRL
ADDRESS
CE
tRLDX
tRHDZ
tRHDX
tELLL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com