Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX1051A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX1051A
Description  NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX1051A Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX1051A Datasheet HTML 1Page - Zetex Semiconductors FCX1051A Datasheet HTML 2Page - Zetex Semiconductors FCX1051A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
Min
Typ
Max
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
150
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCES
150
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO
40
V
IC=10mA
Collector-Emitter
Breakdown Voltage
VCEV
150
V
IC=100µA, VEB=1V
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
0.3
10
nA
VCB=120V
Emitter Cut-Off Current
IEBO
0.3
10
nA
VEB=4V
Collector Emitter Cut-Off
Current
ICES
0.3
10
nA
VCES=120V
Collector-Emitter
Saturation Voltage
VCE(sat)
17
85
140
170
250
25
120
180
250
340
mV
mV
mV
mV
mV
IC=0.2A, IB=10mA*
IC=1A, IB=10mA*
IC=2A, IB=20mA*
IC=3A, IB=40mA*
IC=5A, IB=100mA*
Base-Emitter
Saturation Voltage
VBE(sat)
880
1000
mV
IC=3A, IB=40mA*
Base-Emitter Turn-On
Voltage
VBE(on)
840
950
mV
IC=3A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
290
270
270
130
40
440
450
360
220
55
1200
IC=10mA, VCE=2V*
IC=1A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
IC=10A, VCE=2V*
Transition Frequency
fT
155
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
27
40
pF
VCB=10V, f=1MHz
Switching Times
ton
220
ns
IC=3A, IB=30mA, VCC=10V
toff
540
ns
IC=3A, IB=30mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX1051A


Similar Part No. - FCX1051A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX1051A KEXIN-FCX1051A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
FCX1051ATA DIODES-FCX1051ATA Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
FCX1051A DIODES-FCX1051A_15 Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
More results

Similar Description - FCX1051A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
   SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com