Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1011-TSHR Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT42QT1011-TSHR
Description  One-channel Touch Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1011-TSHR Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT42QT1011-TSHR Datasheet HTML 6Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 7Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 8Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 9Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 10Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 11Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 12Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 13Page - ATMEL Corporation AT42QT1011-TSHR Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
9542G–AT42–03/10
AT42QT1011
4.
Circuit Guidelines
4.1
More Information
Refer to Application Note QTAN0002, Secrets of a Successful QTouch® Design and the Touch
Sensors Design Guide (both downloadable from the Atmel
® website), for more information on
construction and design methods.
4.2
Sample Capacitor
Cs is the charge sensing sample capacitor. The required Cs value depends on the thickness of
the panel and its dielectric constant. Thicker panels require larger values of Cs. Typical values
are 2 nF to 50 nF depending on the sensitivity required; larger values of Cs demand higher
stability and better dielectric to ensure reliable sensing.
The Cs capacitor should be a stable type, such as X7R ceramic or PPS film. For more consistent
sensing from unit to unit, 5 percent tolerance capacitors are recommended. X7R ceramic types
can be obtained in 5 percent tolerance at little or no extra cost. In applications where high
sensitivity (long burst length) is required the use of PPS capacitors is recommended.
For battery powered operation a higher value sample capacitor is recommended (typical value
8.2 nF).
4.3
Power Supply and PCB Layout
See Section 5.2 on page 12 for the power supply range. At 3V current drain averages less than
500 µA in Fast mode.
If the power supply is shared with another electronic system, care should be taken to ensure that
the supply is free of digital spikes, sags, and surges which can adversely affect the QT1011. The
QT1011 will track slow changes in Vdd, but it can be badly affected by rapid voltage fluctuations.
It is highly recommended that a separate voltage regulator be used just for the QT1011 to isolate
it from power supply shifts caused by other components.
If desired, the supply can be regulated using a Low Dropout (LDO) regulator, although such
regulators often have poor transient line and load stability. See Application Note QTAN0002,
Secrets of a Successful QTouch™ Design for further information.
Parts placement: The chip should be placed to minimize the SNSK trace length to reduce low
frequency pickup, and to reduce stray Cx which degrades gain. The Cs and Rs resistors (see
Figure 1-1 on page 2) should be placed as close to the body of the chip as possible so that the
trace between Rs and the SNSK pin is very short, thereby reducing the antenna-like ability of
this trace to pick up high frequency signals and feed them directly into the chip. A ground plane
can be used under the chip and the associated discrete components, but the trace from the Rs
resistor and the electrode should not run near ground, to reduce loading.
For best EMC performance the circuit should be made entirely with SMT components.


Similar Part No. - AT42QT1011-TSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1011-MAH ATMEL-AT42QT1011-MAH Datasheet
290Kb / 25P
   Single-key QTouch짰 Touch Sensor IC
More results

Similar Description - AT42QT1011-TSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
AT42QT1012 ATMEL-AT42QT1012_10 Datasheet
369Kb / 28P
   One-channel Toggle-mode Touch Sensor IC with Power Management Functions
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
ATMEL Corporation
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
   QTouch 12-channel Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070 Datasheet
423Kb / 34P
   Seven-channel QTouch짰 Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070_14 Datasheet
423Kb / 34P
   Seven-channel QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com