Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZUMT617 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZUMT617
Description  NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZUMT617 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZUMT617 Datasheet HTML 1Page - Zetex Semiconductors ZUMT617 Datasheet HTML 2Page - Zetex Semiconductors ZUMT617 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZUMT617
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
15
V
IC= 100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
15
V
IC= 10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE= 100µA
Collector Cut-Off
Current
ICBO
10
nA
VCB= 10V
Emitter Cut-Off
Current
IEBO
10
nA
VEB= 4V
Collector Emitter
Cut-Off Current
ICES
10
nA
VCES= 10V
Collector-Emitter
Saturation Voltage
VCE(sat)
16.5
40
75
150
205
20
55
100
200
245
mV
mV
mV
mV
mV
IC= 100mA, IB=10mA*
IC= 250mA, IB= 10mA*
IC= 500mA, IB=10mA*
IC= 1A, IB=10mA*
IC= 1.5A, IB=20mA*
Base-Emitter
Saturation Voltage
VBE(sat)
930
1100
mV
IC= 1.5A, IB=20mA*
Base-Emitter Turn-On
Voltage
VBE(on)
865
1100
mV
IC= 1.5A, VCE= 2V*
Static Forward
Current Transfer
Ratio
hFE
200
300
250
200
75
30
420
450
390
300
150
75
IC= 10mA, VCE= 2V*
IC= 100mA, VCE= 2V*
IC= 500mA, VCE=2V*
IC= 1A, VCE=2 V*
IC= 3A, VCE=2V*
IC=5A, VCE= 2V*
Transition
Frequency
fT
180
MHz
IC= 50mA, VCE= 10V
f= 100MHz
Output Capacitance
Cobo
15
pF
VCB= 10V, f=1MHz
Turn-On Time
t(on)
50
ns
VCC= 10V, IC= 1A
IB1=IB2=100mA
Turn-Off Time
t(off)
250
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%


Similar Part No. - ZUMT617

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMT617 DIODES-ZUMT617 Datasheet
140Kb / 3P
Super323횚 SOT323 NPN SILICON POWER TRANSISTOR
ZUMT617 DIODES-ZUMT617_15 Datasheet
140Kb / 3P
Super323횚 SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - ZUMT617

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com