![]() |
Electronic Components Datasheet Search |
|
LTP190SS Datasheet(PDF) 16 Page - Tyco Electronics |
|
|
LTP190SS Datasheet(HTML) 16 Page - Tyco Electronics |
16 / 16 page ![]() 186 RoHS Compliant, ELV Compliant 10 Part Numbering System for Strap Battery Devices LTP 190 SS Modifier F = Lead-free version G = Global design (standard product) L = Long lead or leads S = Slit lead SS = Both leads slit X = Rotated chip U = Untaped Hold Current Indicator Product Series VTP 210 SL 19.2/5.8 Maximum length of leads (mm) Modifier F = Lead-free version G = Global design (standard product) L = Long lead or leads S = Slit lead SS = Both leads slit X = Rotated chip U = Untaped Hold Current Indicator Product Series Warning : • Users should independently evaluate the suitability of and test each product selected for their own application. • Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame. • These devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should not be used when repeated fault conditions or prolonged trip events are anticipated. • Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices. • Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, and mechanical procedures for electronic components. • PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are inhibited, for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion. • Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of the device. |
Similar Part No. - LTP190SS |
|
Similar Description - LTP190SS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |