Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16385 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16385
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385 Datasheet(HTML) 3 Page - Analog Devices

  ADIS16385 Datasheet HTML 1Page - Analog Devices ADIS16385 Datasheet HTML 2Page - Analog Devices ADIS16385 Datasheet HTML 3Page - Analog Devices ADIS16385 Datasheet HTML 4Page - Analog Devices ADIS16385 Datasheet HTML 5Page - Analog Devices ADIS16385 Datasheet HTML 6Page - Analog Devices ADIS16385 Datasheet HTML 7Page - Analog Devices ADIS16385 Datasheet HTML 8Page - Analog Devices ADIS16385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
ADIS16385
Rev. PrA | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VCC = 5.0 V, angular rate = 0°/sec, dynamic range = ±300°/sec ± 1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±300
±350
°/sec
Initial Sensitivity
Dynamic range = ±300°/sec
0.012375
0.0125
0.12625
°/sec/LSB
Dynamic range = ±150°/sec
0.00625
°/sec/LSB
Dynamic range = ±75°/sec
0.003125
°/sec/LSB
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±40
ppm/°C
Misalignment
Reference to z-axis accelerometer
±0.05
Degrees
Axis-to-frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
±0.1
% of FS
Initial Bias Error
±1 σ
±3
°/sec
In-Run Bias Stability
1σ, +25°C, Z-axis
<0.002
°/sec
1σ, +25°C, X-axis, Y-axis
0.007
°/sec
Angular Random Walk
Z-axis, 1 σ, +25°C
<1.0
°/√hr
X-axis, Y-axis, 1 σ, +25°C
1.9
°/√hr
Bias Temperature Coefficient
Z-axis, −40°C ≤ TA ≤ +85°C
<0.01
°/sec/°C
X, Y-axes, −40°C ≤ TA ≤ +85°C
±0.01
°/sec/°C
Linear Acceleration Effect on Bias
Z-axis, 1 σ (MSC_CTRL[7] = 1)
<0.05
°/sec/g
X, Y-axes, 1 σ (MSC_CTRL[7] = 1)
0.1
°/sec/g
Bias Voltage Sensitivity
Z-axis, VCC = +4.85 V to +5.15V
TBD
°/sec/V
X, Y-axes, VCC = +4.85 V to +5.15V
±0.3
°/sec/V
Output Noise
Z-axis, ±300°/sec range, no filtering
0.25
°/sec rms
X, Y-axes, ±300°/sec range, no filtering
0.8
°/sec rms
Rate Noise Density
Z-axis, f = 25 Hz, ±300°/sec range
0.013
°/sec/√Hz rms
X, Y-axes, f = 25 Hz, ±300°/sec range
0.044
°/sec/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
14.5
kHz
Self-Test Change in Output Response
±300°/sec range setting
±696
±1400
±2449
LSB
ACCELEROMETERS
Each axis
Dynamic Range
±5
g
Initial Sensitivity
0.2475
0.25
0.2525
mg/LSB
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±50
ppm/°C
Misalignment
Axis-to-axis, Δ = 90° ideal
0.2
Degrees
Axis-to-frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
0.1
% of FS
Initial Bias Error
±1 σ
±8
mg
In-Run Bias Stability
1 σ
40
μg
Velocity Random Walk
1 σ
0.2
m/sec/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±0.3
mg/°C
Bias Voltage Sensitivity
VCC = +4.85 V to +5.15V
2.5
mg/V
Output Noise
No filtering
9
mg rms
Noise Density
No filtering
0.5
mg/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz
Self-Test Change in Output Response
X-axis and y-axis
59
151
LSB
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 25°C (±5°C)
0.0678
°C/LSB


Similar Part No. - ADIS16385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
Compact, Precision, Six Degrees of Freedom Inertial Sensor
Rev. 0
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
Compact, Precision Six Degrees of Freedom Inertial Sensor
Rev. F
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com