Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F1822-I/MF Datasheet(PDF) 229 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 229 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 225Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 226Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 227Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 228Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 229Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 230Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 231Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 232Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 229
PIC12F/LF1822/16F/LF1823
FIGURE 24-4:
SPI MASTER AND MULTIPLE SLAVE CONNECTION
24.2.1
SPI MODE REGISTERS
The MSSP1 module has five registers for SPI mode
operation. These are:
• MSSP1 STATUS register (SSP1STAT)
• MSSP1 Control Register 1 (SSP1CON1)
• MSSP1 Control Register 3 (SSP1CON3)
• MSSP1 Data Buffer register (SSP1BUF)
• MSSP1 Address register (SSP1ADD)
• MSSP1 Shift register (SSP1SR)
(Not directly accessible)
SSP1CON1 and SSP1STAT are the control and
STATUS registers in SPI mode operation. The
SSP1CON1 register is readable and writable. The
lower 6 bits of the SSP1STAT are read-only. The upper
two bits of the SSP1STAT are read/write.
In one SPI master mode, SSP1ADD can be loaded
with a value used in the Baud Rate Generator. More
information on the Baud Rate Generator is available in
Section 24.7 “Baud Rate Generator”.
SSP1SR is the shift register used for shifting data in
and out. SSP1BUF provides indirect access to the
SSP1SR register. SSP1BUF is the buffer register to
which data bytes are written, and from which data
bytes are read.
In receive operations, SSP1SR and SSP1BUF
together create a buffered receiver. When SSP1SR
receives a complete byte, it is transferred to SSP1BUF
and the SSP1IF interrupt is set.
During transmission, the SSP1BUF is not buffered. A
write to SSP1BUF will write to both SSP1BUF and
SSP1SR.
SPI Master
SCK
SDO
SDI
General I/O
General I/O
General I/O
SCK
SDI
SDO
SS
SPI Slave
#1
SCK
SDI
SDO
SS
SPI Slave
#2
SCK
SDI
SDO
SS
SPI Slave
#3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com