Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F1822-I/MF Datasheet(PDF) 394 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 394 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 390Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 391Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 392Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 393Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 394Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 395Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 396Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 397Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 398Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 394 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 394
Preliminary
 2010 Microchip Technology Inc.
TMR1H Register ....................................................... 172
TMR1L Register........................................................ 172
Timer2 ............................................................................... 184
Associated registers.................................................. 187
Timer2/4/6
Associated registers.................................................. 187
Timers
Timer1
T1CON.............................................................. 180
T1GCON ........................................................... 181
Timer2
T2CON.............................................................. 186
Timing Diagrams
A/D Conversion......................................................... 356
A/D Conversion (Sleep Mode) .................................. 356
Acknowledge Sequence ........................................... 265
Asynchronous Reception .......................................... 286
Asynchronous Transmission..................................... 282
Asynchronous Transmission (Back to Back) ............ 282
Auto Wake-up Bit (WUE) During Normal Operation . 298
Auto Wake-up Bit (WUE) During Sleep .................... 298
Automatic Baud Rate Calibration .............................. 296
Baud Rate Generator with Clock Arbitration ............. 258
BRG Reset Due to SDA Arbitration During Start
Condition........................................................... 269
Brown-out Reset (BOR) ............................................ 352
Brown-out Reset Situations ........................................ 77
Bus Collision During a Repeated Start Condition
(Case 1) ............................................................ 270
Bus Collision During a Repeated Start Condition
(Case 2) ............................................................ 270
Bus Collision During a Start Condition (SCL = 0) ..... 269
Bus Collision During a Stop Condition (Case 1) ....... 271
Bus Collision During a Stop Condition (Case 2) ....... 271
Bus Collision During Start Condition (SDA only) ...... 268
Bus Collision for Transmit and Acknowledge............ 267
CLKOUT and I/O....................................................... 350
Clock Synchronization .............................................. 255
Clock Timing ............................................................. 348
Comparator Output ................................................... 159
Enhanced Capture/Compare/PWM (ECCP) ............. 354
Fail-Safe Clock Monitor (FSCM) ................................. 67
First Start Bit Timing ................................................. 259
Full-Bridge PWM Output ........................................... 213
Half-Bridge PWM Output .................................. 211, 217
I2C Bus Data ............................................................. 362
I2C Bus Start/Stop Bits.............................................. 361
I2C Master Mode (7 or 10-Bit Transmission) ............ 262
I2C Master Mode (7-Bit Reception)........................... 264
I2C Stop Condition Receive or Transmit Mode ......... 266
INT Pin Interrupt.......................................................... 87
Internal Oscillator Switch Timing................................. 62
PWM Auto-shutdown ................................................ 216
Firmware Restart .............................................. 216
PWM Direction Change ............................................ 214
PWM Direction Change at Near 100% Duty Cycle ... 215
PWM Output (Active-High)........................................ 209
PWM Output (Active-Low) ........................................ 210
Repeat Start Condition.............................................. 260
Reset Start-up Sequence............................................ 79
Reset, WDT, OST and Power-up Timer ................... 351
Send Break Character Sequence ............................. 299
SPI Master Mode (CKE = 1, SMP = 1) ..................... 359
SPI Mode (Master Mode).......................................... 232
SPI Slave Mode (CKE = 0) ....................................... 360
SPI Slave Mode (CKE = 1) ....................................... 360
Synchronous Reception (Master Mode, SREN) ....... 303
Synchronous Transmission ...................................... 301
Synchronous Transmission (Through TXEN) ........... 301
Timer0 and Timer1 External Clock ........................... 353
Timer1 Incrementing Edge ....................................... 176
Two Speed Start-up.................................................... 65
USART Synchronous Receive (Master/Slave) ......... 358
USART Synchronous Transmission
(Master/Slave) .................................................. 358
Wake-up from Interrupt............................................... 96
Timing Diagrams and Specifications
PLL Clock ................................................................. 349
Timing Parameter Symbology .......................................... 347
Timing Requirements
I2C Bus Data............................................................. 363
SPI Mode .................................................................. 361
TMR0 Register.................................................................... 31
TMR1H Register ................................................................. 31
TMR1L Register.................................................................. 31
TMR2 Register.................................................................... 31
TRIS.................................................................................. 332
TRISA Register........................................................... 32, 121
TRISC Register........................................................... 32, 125
Two-Speed Clock Start-up Mode........................................ 64
TXREG ............................................................................. 281
TXREG Register ................................................................. 34
TXSTA Register.......................................................... 34, 288
BRGH Bit .................................................................. 291
U
USART
Synchronous Master Mode
Requirements, Synchronous Receive .............. 358
Requirements, Synchronous Transmission...... 358
Timing Diagram, Synchronous Receive ........... 358
Timing Diagram, Synchronous Transmission... 358
V
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 297
Wake-up Using Interrupts ................................................... 96
Watchdog Timer (WDT)...................................................... 78
Modes....................................................................... 100
Specifications ........................................................... 353
WCOL ....................................................... 258, 261, 263, 265
WCOL Status Flag.................................... 258, 261, 263, 265
WDTCON Register ........................................................... 101
WPUB Register................................................................. 123
WPUC Register ................................................................ 126
Write Protection .................................................................. 53
WWW Address ................................................................. 395
WWW, On-Line Support ..................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com