Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1824-E/ML Datasheet(PDF) 207 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 207 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 203Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 204Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 205Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 206Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 207Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 208Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 209Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 210Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 207
PIC16F/LF1824/1828
22.5
CARRIER SOURCE POLARITY
SELECT
The signal provided from any selected input source for
the carrier high and carrier low signals can be inverted.
Inverting the signal for the carrier high source is
enabled by setting the MDCHPOL bit of the MDCARH
register. Inverting the signal for the carrier low source is
enabled by setting the MDCLPOL bit of the MDCARL
register.
22.6
CARRIER SOURCE PIN DISABLE
Some peripherals assert control over their correspond-
ing output pin when they are enabled. For example,
when the CCP1 module is enabled, the output of CCP1
is connected to the CCP1 pin.
This default connection to a pin can be disabled by set-
ting the MDCHODIS bit in the MDCARH register for the
carrier high source and the MDCLODIS bit in the
MDCARL register for the carrier low source.
22.7
PROGRAMMABLE MODULATOR
DATA
The MDBIT of the MDCON register can be selected as
the source for the modulator signal. This gives the user
the ability to program the value used for modulation.
22.8
MODULATOR SOURCE PIN
DISABLE
The modulator source default connection to a pin can
be disabled by setting the MDMSODIS bit in the
MDSRC register.
22.9
MODULATED OUTPUT POLARITY
The modulated output signal provided on the MDOUT
pin can also be inverted. Inverting the modulated out-
put signal is enabled by setting the MDOPOL bit of the
MDCON register.
22.10 SLEW RATE CONTROL
The slew rate limitation on the output port pin can be
disabled. The slew rate limitation can be removed by
clearing the MDSLR bit in the MDCON register.
22.11 OPERATION IN SLEEP MODE
The DSM module is not affected by Sleep mode. The
DSM can still operate during Sleep, if the carrier and
modulator input sources are also still operable during
Sleep.
22.12 Effects of a Reset
Upon any device Reset, the data signal modulator
module is disabled. The user’s firmware is responsible
for initializing the module before enabling the output.
The registers are reset to their default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com