Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 220 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 220 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 216Page - Microchip Technology PIC18F23K22 Datasheet HTML 217Page - Microchip Technology PIC18F23K22 Datasheet HTML 218Page - Microchip Technology PIC18F23K22 Datasheet HTML 219Page - Microchip Technology PIC18F23K22 Datasheet HTML 220Page - Microchip Technology PIC18F23K22 Datasheet HTML 221Page - Microchip Technology PIC18F23K22 Datasheet HTML 222Page - Microchip Technology PIC18F23K22 Datasheet HTML 223Page - Microchip Technology PIC18F23K22 Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 220
Preliminary
 2010 Microchip Technology Inc.
15.4
I2C
MODE OPERATION
All MSSPx I2C communication is byte oriented and
shifted out MSb first. Six SFR registers and 2 interrupt
flags interface the module with the PIC® microcon-
troller and user software. Two pins, SDAx and SCLx,
are exercised by the module to communicate with
other external I2C devices.
15.4.1
BYTE FORMAT
All communication in I2C is done in 9-bit segments. A
byte is sent from a master to a slave or vice-versa,
followed by an Acknowledge bit sent back. After the
8th falling edge of the SCLx line, the device outputting
data on the SDAx changes that pin to an input and
reads in an acknowledge value on the next clock
pulse.
The clock signal, SCLx, is provided by the master.
Data is valid to change while the SCLx signal is low,
and sampled on the rising edge of the clock. Changes
on the SDAx line while the SCLx line is high define
special conditions on the bus, explained below.
15.4.2
DEFINITION OF I2C TERMINOLOGY
There is language and terminology in the description
of I2C communication that have definitions specific to
I2C. That word usage is defined below and may be
used in the rest of this document without explana-
tion.
This table was adapted from the Phillips I2C
specification.
15.4.3
SDAx AND SCLx PINS
Selection of any I2C mode with the SSPxEN bit set,
forces the SCLx and SDAx pins to be open-drain.
These pins should be set by the user to inputs by
setting the appropriate TRIS bits.
15.4.4
SDAx HOLD TIME
The hold time of the SDAx pin is selected by the
SDAHT bit of the SSPxCON3 register. Hold time is the
time SDAx is held valid after the falling edge of SCLx.
Setting the SDAHT bit selects a longer 300 ns mini-
mum hold time and may help on buses with large
capacitance.
TABLE 15-2:
I2C™ BUS TERMS
Note: Data is tied to output zero when an I2C mode
is enabled.
TERM
Description
Transmitter
The device which shifts data out
onto the bus.
Receiver
The device which shifts data in
from the bus.
Master
The device that initiates a transfer,
generates clock signals and termi-
nates a transfer.
Slave
The device addressed by the mas-
ter.
Multi-master
A bus with more than one device
that can initiate data transfers.
Arbitration
Procedure to ensure that only one
master at a time controls the bus.
Winning arbitration ensures that
the message is not corrupted.
Synchronization Procedure to synchronize the
clocks of two or more devices on
the bus.
Idle
No master is controlling the bus,
and both SDAx and SCLx lines are
high.
Active
Any time one or more master
devices are controlling the bus.
Addressed
Slave
Slave device that has received a
matching address and is actively
being clocked by a master.
Matching
Address
Address byte that is clocked into a
slave that matches the value
stored in SSPxADD.
Write Request
Slave receives a matching
address with R/W bit clear, and is
ready to clock in data.
Read Request
Master sends an address byte with
the R/W bit set, indicating that it
wishes to clock data out of the
Slave. This data is the next and all
following bytes until a Restart or
Stop.
Clock Stretching When a device on the bus holds
SCLx low to stall communication.
Bus Collision
Any time the SDAx line is sampled
low by the module while it is out-
putting and expected high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com