Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 139Page - Microchip Technology PIC18F23K22 Datasheet HTML 140Page - Microchip Technology PIC18F23K22 Datasheet HTML 141Page - Microchip Technology PIC18F23K22 Datasheet HTML 142Page - Microchip Technology PIC18F23K22 Datasheet HTML 143Page - Microchip Technology PIC18F23K22 Datasheet HTML 144Page - Microchip Technology PIC18F23K22 Datasheet HTML 145Page - Microchip Technology PIC18F23K22 Datasheet HTML 146Page - Microchip Technology PIC18F23K22 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 143
PIC18(L)F2X/4XK22
TABLE 10-8:
PORTC I/O SUMMARY
Pin Name
Function
TRIS
Setting
ANSEL
setting
Pin
Type
Buffer
Type
Description
RC0/P2B/T3CKI/T3G/
T1CKI/SOSCO
RC0
01
O
DIG
LATC<0> data output; not affected by analog input.
10
I
ST
PORTC<0> data input; disabled when analog input
enabled.
P2B(2)
01
O
DIG
Enhanced CCP2 PWM output 2.
T3CKI(1)
10
I
ST
Timer3 clock input.
T3G
10
I
ST
Timer3 external clock gate input.
T1CKI
10
I
ST
Timer1 clock input.
SOSCO
x—
O
XTAL
Secondary oscillator output.
RC1/P2A/CCP2/SOSCI
RC1
01
O
DIG
LATC<1> data output; not affected by analog input.
10
I
ST
PORTC<1> data input; disabled when analog input
enabled.
P2A
01
O
DIG
Enhanced CCP2 PWM output 1.
CCP2(1)
01
O
DIG
Compare 2 output/PWM 2 output.
10
I
ST
Capture 2 input.
SOSCI
x—
I
XTAL
Secondary oscillator input.
RC2/CTPLS/P1A/
CCP1/T5CKI/AN14
RC2
01
O
DIG
LATC<2> data output; not affected by analog input.
10
I
ST
PORTC<2> data input; disabled when analog input
enabled.
CTPLS
01
O
DIG
CTMU pulse generator output.
P1A
01
O
DIG
Enhanced CCP1 PWM output 1.
CCP1
01
O
DIG
Compare 1 output/PWM 1 output.
10
I
ST
Capture 1 input.
T5CKI
10
I
ST
Timer5 clock input.
AN14
11
I
AN
Analog input 14.
RC3/SCK1/SCL1/AN15
RC3
01
O
DIG
LATC<3> data output; not affected by analog input.
10
I
ST
PORTC<3> data input; disabled when analog input
enabled.
SCK1
01
O
DIG
MSSP1 SPI Clock output.
10
I
ST
MSSP1 SPI Clock input.
SCL1
01
ODIG
MSSP1 I2C™ Clock output.
10
I
I2C
MSSP1 I2C™ Clock input.
AN15
11
I
AN
Analog input 15.
RC4/SDI1/SDA1/AN16
RC4
01
O
DIG
LATC<4> data output; not affected by analog input.
10
I
ST
PORTC<4> data input; disabled when analog input
enabled.
SDI1
10
I
ST
MSSP1 SPI data input.
SDA1
00
ODIG
MSSP1 I2C™ data output.
10
I
I2C
MSSP1 I2C™ data input.
AN16
11
I
AN
Analog input 16.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS =
CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
3:
Function on PORTD and PORTE for PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com