Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 211Page - Microchip Technology PIC24F16KA102 Datasheet HTML 212Page - Microchip Technology PIC24F16KA102 Datasheet HTML 213Page - Microchip Technology PIC24F16KA102 Datasheet HTML 214Page - Microchip Technology PIC24F16KA102 Datasheet HTML 215Page - Microchip Technology PIC24F16KA102 Datasheet HTML 216Page - Microchip Technology PIC24F16KA102 Datasheet HTML 217Page - Microchip Technology PIC24F16KA102 Datasheet HTML 218Page - Microchip Technology PIC24F16KA102 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 213
PIC24F16KA102 FAMILY
TABLE 29-4:
HIGH/LOW–VOLTAGE DETECT CHARACTERISTICS
TABLE 29-3:
DC CHARACTERISTICS: TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max Units
Conditions
DC10
VDD
Supply Voltage
1.8
—
3.6
V
DC12
VDR
RAM Data Retention
Voltage(2)
1.5
—
—
V
DC16
VPOR
VDD Start Voltage
to Ensure Internal
Power-on Reset Signal
VSS
—0.7
V
DC17
SVDD
VDD Rise Rate
to Ensure Internal
Power-on Reset Signal
0.05
—
—
V/ms 0-3.3V in 0.1s
0-2.5V in 60 ms
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
This is the limit to which VDD can be lowered without losing RAM data.
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
DC18
VHLVD
HLVD Voltage on VDD
Transition
HLVDL<3:0> = 0000
—
1.85
1.94
V
HLVDL<3:0> = 0001
1.81
1.90
2.00
V
HLVDL<3:0> = 0010
1.85
1.95
2.05
V
HLVDL<3:0> = 0011
1.90
2.00
2.10
V
HLVDL<3:0> = 0100
1.95
2.05
2.15
V
HLVDL<3:0> = 0101
2.06
2.17
2.28
V
HLVDL<3:0> = 0110
2.12
2.23
2.34
V
HLVDL<3:0> = 0111
2.24
2.36
2.48
V
HLVDL<3:0> = 1000
2.31
2.43
2.55
V
HLVDL<3:0> = 1001
2.47
2.60
2.73
V
HLVDL<3:0> = 1010
2.64
2.78
2.92
V
HLVDL<3:0> = 1011
2.74
2.88
3.02
V
HLVDL<3:0> = 1100
2.85
3.00
3.15
V
HLVDL<3:0> = 1101
2.96
3.12
3.28
V
HLVDL<3:0> = 1110
3.22
3.39
3.56
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com